công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14503BDG bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
MC14503BDG bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 7 page MC14503B http://onsemi.com 2 PIN ASSIGNMENT 13 14 15 16 9 10 11 12 5 4 3 2 1 8 7 6 IN 5 OUT 6 IN 6 VDD OUT 4 IN 4 OUT 5 IN 2 OUT 1 IN 1 DIS A VSS OUT 3 IN 3 OUT 2 DIS B LOGIC DIAGRAM TRUTH TABLE Appropriate Disable Inn Input Outn 00 0 10 1 X 1 High Impedance X = Don’t Care DISABLE B OUT 5 15 12 14 2 4 6 10 1 IN 5 IN 6 IN 1 IN 2 IN 3 IN 4 DISABLE A OUT 6 OUT 1 OUT 2 OUT 3 OUT 4 11 13 3 5 7 9 VDD = PIN 16 VSS = PIN 8 CIRCUIT DIAGRAM *INn *DISABLE * INPUT TO OTHER BUFFERS VSS VDD OUTn *Diode protection on all inputs (not shown) ONE OF TWO/FOUR BUFFERS ORDERING INFORMATION Device Package Shipping† MC14503BCPG PDIP−16 (Pb−Free) 500 / Rail MC14503BDG SOIC−16 (Pb−Free) 48 / Rail MC14503BDR2G SOIC−16 (Pb−Free) 2500 / Tape & Reel MC14503BFELG SOEIAJ−16 (Pb−Free) 2000 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |
Số phần tương tự - MC14503BDG |
|
Mô tả tương tự - MC14503BDG |