công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14013BCPG bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
MC14013BCPG bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 9 page MC14013B http://onsemi.com 2 TRUTH TABLE Inputs Outputs Clock† Data Reset Set Q Q 0 0 0 0 1 1 0 0 1 0 X 0 0 Q Q X X 1 0 0 1 X X 0 1 1 0 X X 1 1 1 1 X = Don’t Care † = Level Change BLOCK DIAGRAM 10 11 9 8 4 3 5 6 12 13 2 1 S S R R D C D C Q Q Q Q VDD = PIN 14 VSS = PIN 7 11 12 13 14 8 9 10 5 4 3 2 1 7 6 RB CB QB QB VDD SB DB RA CA QA QA VSS SA DA PIN ASSIGNMENT ORDERING INFORMATION Device Package Shipping† MC14013BCPG PDIP−14 (Pb−Free) 25 Units / Rail NLV14013BCPG* MC14013BDG SOIC−14 (Pb−Free) 55 Units / Rail NLV14013BDG* MC14013BDR2G SOIC−14 (Pb−Free) 2500 Units / Tape & Reel NLV14013BDR2G* MC14013BDTR2G TSSOP−14 (Pb−Free) NLV14013BDTR2G* MC14013BFG SOEIAJ−14 (Pb−Free) 50 Units / Rail MC14013BFELG 2000 Units / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable. No Change |
Số phần tương tự - MC14013BCPG |
|
Mô tả tương tự - MC14013BCPG |