công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC74LCX574DWR2G bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
MC74LCX574DWR2G bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 9 page MC74LCX574 http://onsemi.com 2 Figure 1. Pinout: 20−Lead (Top View) 19 20 18 17 16 15 14 2 1 3456 7 VCC 13 8 12 9 11 10 O0 O1 O2 O3 O4 O5 O6 O7 CP OE D0 D1 D2 D3 D4 D5 D6 D7 GND O0 D0 O1 D1 O2 D2 O3 D3 O4 D4 O5 D5 O6 D6 O7 D7 Figure 2. Logic Diagram nCP Q D nCP Q D nCP Q D nCP Q D nCP Q D nCP Q D nCP Q D nCP Q D CP OE 11 1 2 3 4 5 6 7 8 9 19 18 17 16 15 14 13 12 PIN NAMES Function Output Enable Input Clock Pulse Input Data Inputs 3−State Outputs Pins OE CP D0−D7 O0−O7 TRUTH TABLE INPUTS INTERNAL LATCHES OUTPUTS OE CP Dn Q On OPERATING MODE L L ↑ ↑ l h L H L H Load and Read Register L ↑ X NC NC Hold and Read Register H ↑ X NC Z Hold and Disable Outputs H H ↑ ↑ l h L H Z Z Load Internal Register and Disable Outputs H = High Voltage Level h = High Voltage Level One Setup Time Prior to the Low−to−High Clock Transition L = Low Voltage Level l = Low Voltage Level One Setup Time Prior to the Low−to−High Clock Transition NC = No Change X = High or Low Voltage Level and Transitions are Acceptable Z = High Impedance State ↑ = Low−to−High Transition ↑ = Not a Low−to−High Transition; For ICC Reasons, DO NOT FLOAT Inputs |
Số phần tương tự - MC74LCX574DWR2G |
|
Mô tả tương tự - MC74LCX574DWR2G |