công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISL28134 bảng dữ liệu(PDF) 6 Page - Intersil Corporation |
|
ISL28134 bảng dữ liệu(HTML) 6 Page - Intersil Corporation |
6 / 20 page INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS PLC 6 | www.intersil.com/industrial_process_control Analog Input Analog Output Control Sensors Power 24-bit ADCs: ISL26132, ISL26134 Easy to Use ADC with Superior Noise Performance at Low Cost Low Noise Highly Integrated • Drop-In Compatible with ADS1232/34 - Improved Performance with no change in circuitry • 10SPS, 80SPS Operation • Best in Class Performance – 21.6 Bits noise-free (Gain = 1) • Low Noise PGA with Buffer • Simultaneous 50/60 Hz Noise Rejection • 2 & 4 Channel, Differential-input Multiplexer • All Functions Pin-programmed • Low Power: 50mW (max), 1µA in Shutdown Mode - 5V Analog, 5.5V / 2.7V Digital Supplies • Easy-to-Use SPI-compatible Serial Interface • 24 / 28 Pin TSSOP Package • Extended Industrial Temp Range (-40ºC - 105ºC) • Robust ESD Rating – 7.5kV HBM • Samples and Evaluation Board Available Key Features ISL26134 128X Gain Competitor A 128X Gain ADC PGA 1x/2x/64x/ 128x INTERNAL CLOCK SDO/RDY SCLK DVDD AVDD DGND AGND XTALIN/CLOCK VREF+ EXTERNAL OSCILLATOR XTALOUT VREF- A0 A1/TEMP AIN1+ AIN1- AIN2+ AIN2- AIN3+ AIN3- AIN4+ AIN4- INPUT MUX ISL26134 Only CAP CAP GAIN1 GAIN0 PWDN SPEED DGND DGND ISL26132, ISL26134 ∆∑ • At 10SPS, 128x Gain ISL26134 noise is 5.6nV/√Hz • Competitor A shows 10.2nV/√Hz Device Description Resolution (Bits) Max Conversion Rate (SPS) Channels INL (%FS) Noise (µVrms) Power (mW) Analog Supply Voltage (V) Digital Supply Voltage (V) Package ISL26102 Low-Noise 24-bit ADC 24 4000 2 0.0002% 0.01 50 5V 2.7V - 5V 24 Ld TSSOP ISL26104 Low-Noise 24-bit ADC 24 4000 4 0.0002% 0.01 50 5V 2.7V - 5V 28 Ld TSSOP ISL26132 Low-Noise, Low-cost 24-bit ADC 24 80 2 0.0002% 0.01 50 5V 2.7V - 5V 24 Ld TSSOP ISL26134 Low-Noise, Low-cost 24-bit ADC 24 80 4 0.0002% 0.01 50 5V 2.7V - 5V 28 Ld TSSOP Evalboard Available! Evalboard Available! |
Số phần tương tự - ISL28134 |
|
Mô tả tương tự - ISL28134 |