công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL267452 bảng dữ liệu(PDF) 6 Page - Intersil Corporation

tên linh kiện ISL267452
Giải thích chi tiết về linh kiện  Intersil?셲 Solutions for Industrial Process Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267452 bảng dữ liệu(HTML) 6 Page - Intersil Corporation

Back Button ISL267452 Datasheet HTML 2Page - Intersil Corporation ISL267452 Datasheet HTML 3Page - Intersil Corporation ISL267452 Datasheet HTML 4Page - Intersil Corporation ISL267452 Datasheet HTML 5Page - Intersil Corporation ISL267452 Datasheet HTML 6Page - Intersil Corporation ISL267452 Datasheet HTML 7Page - Intersil Corporation ISL267452 Datasheet HTML 8Page - Intersil Corporation ISL267452 Datasheet HTML 9Page - Intersil Corporation ISL267452 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
PLC
6 | www.intersil.com/industrial_process_control
Analog Input
Analog Output
Control
Sensors
Power
24-bit ADCs: ISL26132, ISL26134
Easy to Use ADC
with Superior Noise
Performance at
Low Cost
Low Noise
Highly Integrated
• Drop-In Compatible with ADS1232/34
- Improved Performance with no change in
circuitry
• 10SPS, 80SPS Operation
• Best in Class Performance – 21.6 Bits noise-free
(Gain = 1)
• Low Noise PGA with Buffer
• Simultaneous 50/60 Hz Noise Rejection
• 2 & 4 Channel, Differential-input Multiplexer
• All Functions Pin-programmed
• Low Power: 50mW (max), 1µA in Shutdown Mode
- 5V Analog, 5.5V / 2.7V Digital Supplies
• Easy-to-Use SPI-compatible Serial Interface
• 24 / 28 Pin TSSOP Package
• Extended Industrial Temp Range (-40ºC - 105ºC)
• Robust ESD Rating – 7.5kV HBM
• Samples and Evaluation Board Available
Key Features
ISL26134 128X Gain
Competitor A 128X Gain
ADC
PGA
1x/2x/64x/
128x
INTERNAL
CLOCK
SDO/RDY
SCLK
DVDD
AVDD
DGND
AGND
XTALIN/CLOCK
VREF+
EXTERNAL
OSCILLATOR
XTALOUT
VREF-
A0 A1/TEMP
AIN1+
AIN1-
AIN2+
AIN2-
AIN3+
AIN3-
AIN4+
AIN4-
INPUT
MUX
ISL26134
Only
CAP
CAP
GAIN1
GAIN0
PWDN
SPEED
DGND
DGND
ISL26132, ISL26134
∆∑
• At 10SPS, 128x Gain ISL26134 noise is 5.6nV/√Hz
• Competitor A shows 10.2nV/√Hz
Device
Description
Resolution
(Bits)
Max Conversion
Rate (SPS)
Channels
INL (%FS)
Noise
(µVrms)
Power
(mW)
Analog Supply
Voltage (V)
Digital Supply
Voltage (V)
Package
ISL26102
Low-Noise 24-bit ADC
24
4000
2
0.0002%
0.01
50
5V
2.7V - 5V
24 Ld TSSOP
ISL26104
Low-Noise 24-bit ADC
24
4000
4
0.0002%
0.01
50
5V
2.7V - 5V
28 Ld TSSOP
ISL26132
Low-Noise, Low-cost 24-bit ADC
24
80
2
0.0002%
0.01
50
5V
2.7V - 5V
24 Ld TSSOP
ISL26134
Low-Noise, Low-cost 24-bit ADC
24
80
4
0.0002%
0.01
50
5V
2.7V - 5V
28 Ld TSSOP
Evalboard
Available!
Evalboard
Available!


Số phần tương tự - ISL267452

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
ISL267452 INTERSIL-ISL267452 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
714Kb / 16P
   12-Bit, 555kSPS SAR ADC
July 26, 2012
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
More results

Mô tả tương tự - ISL267452

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
Panasonic Semiconductor
BR2032-F2N PANASONIC-BR2032-F2N Datasheet
104Kb / 4P
   INDUSTRIAL SOLUTIONS
logo
PANDUIT CORP.
T12F-C PANDUIT-T12F-C Datasheet
421Kb / 6P
   Industrial Electrical Solutions
logo
Exar Corporation
XRP7713 EXAR-XRP7713 Datasheet
2Mb / 6P
   Exar?셲 PowerXR D igital Power Solutions
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
   Process Control
logo
AVX Corporation
00-9286 AVX-00-9286 Datasheet
529Kb / 5P
   Industrial/Machine Control; motors, solenoids, PLC?셲, pumps, valves, sensors, fans?
logo
Vicor Corporation
V24C12H100B VICOR-V24C12H100B Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V24C28T100BG VICOR-V24C28T100BG Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V28C5T50BL VICOR-V28C5T50BL Datasheet
769Kb / 11P
   Industrial and process control, distributed power, medical, ATE, communications,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com