công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL267450 bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện ISL267450
Giải thích chi tiết về linh kiện  Intersil?셲 Solutions for Industrial Process Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267450 bảng dữ liệu(HTML) 9 Page - Intersil Corporation

Back Button ISL267450 Datasheet HTML 5Page - Intersil Corporation ISL267450 Datasheet HTML 6Page - Intersil Corporation ISL267450 Datasheet HTML 7Page - Intersil Corporation ISL267450 Datasheet HTML 8Page - Intersil Corporation ISL267450 Datasheet HTML 9Page - Intersil Corporation ISL267450 Datasheet HTML 10Page - Intersil Corporation ISL267450 Datasheet HTML 11Page - Intersil Corporation ISL267450 Datasheet HTML 12Page - Intersil Corporation ISL267450 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
www.intersil.com/industrial_process_control | 9
PLC
Analog Input
Analog Output
Control
Sensors
Power
Single-Ended PWM Controller: ISL8840A
40V Precision Op Amp: ISL28208
High Performance
Single Ended
Current Mode PWM
Controller
40V Precision,
Low Power, Single
Supply, RRO Op Amp
• 1A MOSFET Gate Driver
• 90μA Start-up Current, 125μA Maximum
• 35ns Propagation Delay Current Sense to Output
• Fast Transient Response with Peak Current Mode Control
• 30V Operation
• Adjustable Switching Frequency
• 20ns Rise and Fall Times with 1nF Output Load
• Trimmed Timing Capacitor Discharge Current for Accurate
Deadtime/Maximum Duty Cycle Control
• 1.5MHz Bandwidth Error Amplifier
• Tight Tolerance Voltage Reference Over Line, Load and
Temperature
• ±3% Current Limit Threshold
• Wide Input Range
• Rail-to-Rail Output
• Single or Dual Supply
Operating
• Low Power - 250µA max
Key Features
Key Features
Tight Tolerance Voltage Reference Over Line, Load, and
Temperature
Typical Application Circuit
REFERENCE VOLTAGE vs TEMPERATURE
Intersil’s ISL28208 is a high voltage precision,
low power op amp, featuring single power supply
operation and rail-to-rail output to provide full
output dynamic range to take take full advantage
of the ADC performance in precision applications
without compromise.
IN-
IN+
RF
RREF+
ISL28208
+3V
V-
V+
RIN-
10kΩ
RIN+
10kΩ
-
+
100kΩ
VREF
100kΩ
VOUT
LOAD
RSENSE
SINGLE-SUPPLY, LOW-SIDE
GAIN = 10
to 40V
CURRENT SENSE AMPLIFIER
• Precision
- Low Offset Voltage: 230µV max
- Low Drift: 0.1µV/°C typ
• Low Noise
- 15.8nV/√Hz @ 1kHz
- 80fA/√Hz @ 1kHz
Evalboard
Available!
Evalboard
Available!
-60 -40 -20
0 20 40 60 80 100
0.995
0.996
0.997
0.998
0.999
1.000
1.001
TEMPERATURE (°C)
140
120


Số phần tương tự - ISL267450

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
ISL267450 INTERSIL-ISL267450 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
ISL267450A INTERSIL-ISL267450A Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Mô tả tương tự - ISL267450

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
Panasonic Semiconductor
BR2032-F2N PANASONIC-BR2032-F2N Datasheet
104Kb / 4P
   INDUSTRIAL SOLUTIONS
logo
PANDUIT CORP.
T12F-C PANDUIT-T12F-C Datasheet
421Kb / 6P
   Industrial Electrical Solutions
logo
Exar Corporation
XRP7713 EXAR-XRP7713 Datasheet
2Mb / 6P
   Exar?셲 PowerXR D igital Power Solutions
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
   Process Control
logo
AVX Corporation
00-9286 AVX-00-9286 Datasheet
529Kb / 5P
   Industrial/Machine Control; motors, solenoids, PLC?셲, pumps, valves, sensors, fans?
logo
Vicor Corporation
V24C12H100B VICOR-V24C12H100B Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V24C28T100BG VICOR-V24C28T100BG Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V28C5T50BL VICOR-V28C5T50BL Datasheet
769Kb / 11P
   Industrial and process control, distributed power, medical, ATE, communications,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com