công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL12022MA bảng dữ liệu(PDF) 2 Page - Intersil Corporation

tên linh kiện ISL12022MA
Giải thích chi tiết về linh kiện  Intersil?셲 Solutions for Industrial Process Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022MA bảng dữ liệu(HTML) 2 Page - Intersil Corporation

  ISL12022MA Datasheet HTML 1Page - Intersil Corporation ISL12022MA Datasheet HTML 2Page - Intersil Corporation ISL12022MA Datasheet HTML 3Page - Intersil Corporation ISL12022MA Datasheet HTML 4Page - Intersil Corporation ISL12022MA Datasheet HTML 5Page - Intersil Corporation ISL12022MA Datasheet HTML 6Page - Intersil Corporation ISL12022MA Datasheet HTML 7Page - Intersil Corporation ISL12022MA Datasheet HTML 8Page - Intersil Corporation ISL12022MA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
2 | www.intersil.com/industrial_process_control
Typical Industrial Control Loop Block Diagram
Intersil Corporation is a global technology leader specializing
in the design and manufacture of high performance analog
semiconductors. Built on a solid foundation, with many years
of analog experience, Intersil is committed to developing
leadership solutions for the Industrial market. Over the past
several years, Intersil has heavily invested and will continue to
invest in robust technology capable of supporting the demanding
requirements of the Industrial market. Intersil’s proprietary 40V
precision silicon-on-insulator (SOI) bipolar process technology,
developed, specifically to target the Industrial market and the
growing portfolio of leadership precision amplifiers, are excellent
examples of this commitment.
Precision data acquisition solutions are required for a broad
range of Industrial applications. Programmable logic controllers
(PLC), distributed control systems (DCS), smart transmitters,
and general-purpose data acquisition are used in the majority
of these Industrial systems. These applications utilize various
types of sensors and feedback mechanisms to monitor and
control machine or system interactions by collecting, storing,
and analyzing data. Sensor data acquisition involves precision
measurement and processing of analog variables, such as
voltages and currents, where there is a need to sense very
small changes. Intersil’s broad portfolio of analog, power and
interface solutions makes it well positioned to deliver world class
solutions to Industrial customers. In this solutions brochure, you
will find outstanding solutions from Intersil for your current and
future Industrial systems.
POWER
RS-485
DAC
-V
+V
Precision
Amps
-V
+V
Precision
Amps
M
U
X
ADC
-V
+V
-V
+V
Actuators
Motors
Control loops
ANALOG SIGNAL INPUT MODULEs
ANALOG SIGNAL OUTPUT MODULE
RTC
Core &
I/O Power
Switching
Controller
Gain
Amplifiers
Active
Filters
Buffer, Filters,
Span Drivers
Precision
Amps
Precision
Amps
µC
LDO’s
VREF
VREF
Precision
Amps
Master
µC
RS-485
Differential
Pressure
Transducer
w/ √
Extractor
Pressure/Strain Gage Sensor
Temperature Sensor
Flow Sensor
DCP
M
U
X
I2C Bus
-V
+V
Precision
Amps
-V
Precision
Amps
Gain
Amplifiers
Active
Filters
-V
+V
Precision
Amps
-V
Precision
Amps
Gain
Amplifiers
Active
Filters
+V
+V
MUX and ADC
V
Thermacouple
ISO-Thermal
Block
RTD
Loop Supply
4-20mA
Vin
Iout
DCP
Switching
Regulator
V
System
Power
VREF
VREF
Precision
Amps
High
Voltage
Input Signal
Switching
Regulators
LDO
Isolator
+V
-V
Isolated Power
RTC
RS-232
Voltage
Monitors &
Watchdog
High Voltage Input Rail ~24V
Single Ended
Controller
Intersil’s Solutions for Industrial Process Control


Số phần tương tự - ISL12022MA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12022MA INTERSIL-ISL12022MA Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12022MA INTERSIL-ISL12022MA Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022MAIBZ INTERSIL-ISL12022MAIBZ Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

Mô tả tương tự - ISL12022MA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
Panasonic Semiconductor
BR2032-F2N PANASONIC-BR2032-F2N Datasheet
104Kb / 4P
   INDUSTRIAL SOLUTIONS
logo
PANDUIT CORP.
T12F-C PANDUIT-T12F-C Datasheet
421Kb / 6P
   Industrial Electrical Solutions
logo
Exar Corporation
XRP7713 EXAR-XRP7713 Datasheet
2Mb / 6P
   Exar?셲 PowerXR D igital Power Solutions
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
   Process Control
logo
AVX Corporation
00-9286 AVX-00-9286 Datasheet
529Kb / 5P
   Industrial/Machine Control; motors, solenoids, PLC?셲, pumps, valves, sensors, fans?
logo
Vicor Corporation
V24C12H100B VICOR-V24C12H100B Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V24C28T100BG VICOR-V24C28T100BG Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V28C5T50BL VICOR-V28C5T50BL Datasheet
769Kb / 11P
   Industrial and process control, distributed power, medical, ATE, communications,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com