công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL23325 bảng dữ liệu(PDF) 11 Page - Intersil Corporation

tên linh kiện ISL23325
Giải thích chi tiết về linh kiện  Intersil?셲 Solutions for Industrial Process Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23325 bảng dữ liệu(HTML) 11 Page - Intersil Corporation

Back Button ISL23325 Datasheet HTML 7Page - Intersil Corporation ISL23325 Datasheet HTML 8Page - Intersil Corporation ISL23325 Datasheet HTML 9Page - Intersil Corporation ISL23325 Datasheet HTML 10Page - Intersil Corporation ISL23325 Datasheet HTML 11Page - Intersil Corporation ISL23325 Datasheet HTML 12Page - Intersil Corporation ISL23325 Datasheet HTML 13Page - Intersil Corporation ISL23325 Datasheet HTML 14Page - Intersil Corporation ISL23325 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
www.intersil.com/industrial_process_control | 11
PLC
Analog Input
Analog Output
Control
Sensors
Power
Volatile DCP: ISL233x5, ISL234x5, ISL233x8, ISL234x8
Integrated Level Translator
World’s Lowest Voltage,
Volatile, DCP Family
Specification
Intersil
Competition
Benefit
Analog Voltage 1.7V to 5.5V
1.8V to 5.5V
2.7V to 5.5V
Operational when battery
starts draining.
Digital Voltage
1.2V to 5.5V
Same as analog
voltage, lowest is
1.8V
Eliminate level shifter for I2C/
SPI when µC has low voltage
I/O pins.
Low Current
Consumption
2.5µA - 1CH
3µA - 2CH
5µA - 4CH
Up to 2x more power
consumption
Drains up to 50% less battery
power.
Type
Part #
Intersil
Competition
Benefit
Single
ISL23315,
ISL23415,
ISL23318,
ISL23418
µTQFN (2.1x1.6mm)
SC-70 (2x2.1mm)
20% Smaller
Dual
ISL23325,
ISL23425,
ISL23328,
ISL23428
µTQFN (2.6x1.8mm)
QFN (4x4mm)
48% Smaller
Quad
ISL23345,
ISL23445,
ISL23348,
ISL23448
QFN (3x4mm)
QFN (4x4mm)
25% Smaller
Lowest Voltage
Smaller Package
Key Features
ISL21090 Typical Temperature Coefficient Curve
ISL21090 Long Term Drift Data (1000 Hrs)
Temperature Drift (Coefficient)
Long Term Drift
Ultra Precision Vref: ISL21090
Ultra Low Noise,
Precision Voltage
Reference
• 7V Reference Output Voltage Option
• Initial Accuracy: ±0.02%
• Output Voltage Noise: 5.3µVpp Typ (0.1 to 10Hz)
• Supply Current: 930µA (typ)
• Tempco: 7ppm/°C (3ppm/°C coming soon)
• Output Current Capability: 20mA
• Line Regulation: 8ppm/V
• Load Regulation: 2.5ppm/mA
• Operating Temperature Range: -40°C to 125°C
2.4980
2.4985
2.4990
2.5000
2.5005
2.5010
-55
-35
-15
5
25
45
65
85
105 125 145
TEMPERATURE (°C)
TYPICAL TEMPERATURE
COEFFICIENT CURVE FOR 10 UNITS
2.4995
Device
Number
Isy
Max
(µA)
Vsy
Max
(V)
Noise
Low
Freq
(µVp-p)
Noise
High
Freq
(µVrms)
Iout
Source
(mA)
Iout
Sink
(mA)
Pkg
ISL21090B X X X X X 1280 36
1.9
1.6
20
10
SOIC-8
Time (Hrs)
40
30
20
10
0
0
200
400
600
800
1000
-10
-20
-30
ISL21090 Long Term Drift Data (1000 Hrs)
1.6mm
2.1mm
DCP
ISL23315
VCC
VLOGIC
SDA
SCL
1.2V
SDA
SCL
Level
Translator
µC
I2C Bus
VLOGIC
5V
RH
RW
RL
Smallest 256-Tap DCP
I2C/SPI Voltage = 1.2V to 5.5V
Integrated Level Translator
Direct communication with low
voltage µC
Vref Adjustment
VREF_M
VREF
ISL23415
ISL28114
RH
RW
RL
_
+


Số phần tương tự - ISL23325

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23325 INTERSIL-ISL23325 Datasheet
848Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23325 INTERSIL-ISL23325 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL23325 RENESAS-ISL23325 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23325TFRUZ-T7A INTERSIL-ISL23325TFRUZ-T7A Datasheet
848Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23325TFRUZ-T7A INTERSIL-ISL23325TFRUZ-T7A Datasheet
757Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
More results

Mô tả tương tự - ISL23325

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
Panasonic Semiconductor
BR2032-F2N PANASONIC-BR2032-F2N Datasheet
104Kb / 4P
   INDUSTRIAL SOLUTIONS
logo
PANDUIT CORP.
T12F-C PANDUIT-T12F-C Datasheet
421Kb / 6P
   Industrial Electrical Solutions
logo
Exar Corporation
XRP7713 EXAR-XRP7713 Datasheet
2Mb / 6P
   Exar?셲 PowerXR D igital Power Solutions
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
   Process Control
logo
AVX Corporation
00-9286 AVX-00-9286 Datasheet
529Kb / 5P
   Industrial/Machine Control; motors, solenoids, PLC?셲, pumps, valves, sensors, fans?
logo
Vicor Corporation
V24C12H100B VICOR-V24C12H100B Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V24C28T100BG VICOR-V24C28T100BG Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V28C5T50BL VICOR-V28C5T50BL Datasheet
769Kb / 11P
   Industrial and process control, distributed power, medical, ATE, communications,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com