công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISL28117B bảng dữ liệu(PDF) 5 Page - Intersil Corporation |
|
ISL28117B bảng dữ liệu(HTML) 5 Page - Intersil Corporation |
5 / 20 page INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS www.intersil.com/industrial_process_control | 5 PLC High Voltage Ultra Precision Op Amp: ISL28210 Part Number Supply Voltage (V) Rail-To-Rail Vos Max @ 25°C TCVos Typ Ib Max @ 25°C CMRR min @ 25°C PSRR min @ 25°C Av min @ 25°C Is Max @ 25°C GBW Slew Rate Noise 0.1 to 10Hz Voltage Noise @ 1kHz Current Noise @ 1kHz Single Dual Quad Min Max In Out µV µV/°C nA dB dB dB mA MHz V/µs µVpp nV/√Hz fA/√Hz ISL28117B ISL28217B ISL28417B 4.5 40 No No 50 0.14 1 120 120 129.5 0.53 1.5 0.5 0.25 8 100 ISL28127 ISL28227 4.5 40 No No 70 0.1 10 115 115 120 2.8 10 3.6 0.085 2.5 400 ISL28107 ISL28207 ISL28407 4.5 40 No No 75 0.1 0.3 115 115 129.5 0.29 1 0.32 0.34 13 53 ISL28117C ISL28217C ISL28417C 4.5 40 No No 100 0.14 1 120 120 129.5 0.53 1.5 0.5 0.25 8 100 ISL28118 ISL28218 3 40 Single Supply Yes 230 0.3 575 103 109 124.7 1.1 4 1.2 0.3 5.6 355 ISL28177 4.5 40 No No 150 0.5 1 120 115 120 1.4 0.6 0.2 0.38 9.5 87 ISL28108 ISL28208 ISL28408 3 40 Single Supply Yes 250 0.1 43 105 110 117 0.25 1.2 0.45 0.58 15.8 80 ISL28110 ISL28210 9 40 No No 300 1 0.002 88 102 104 2.9 12.5 23 0.6 6 9 High Voltage Ultra Precision Op Amp: ISL28417 40V Quad, Low Power, Low Noise Precision Bipolar Op Amp • Low Input Offset..................±50μV, Max • Superb Offset TC............ 0.6μV/°C, Max • Input Bias Current ............... ±1nA, Max • Input Bias Current TC .....±5pA/°C, Max • Low Current Consumption .........440μA Key Features Analog Input Analog Output Control Sensors Power Low Offset Drift of 0.6µV/°C MAX Very High Impedance VS = ± 15V 0 2 4 6 8 10 12 14 16 18 -0.45 -0.30 -0.15 0 0.15 0.30 0.45 VOSTC (µV/°C) • Voltage Noise .......................... 8nV/√Hz • Bandwidth................................. 1.5MHz • Wide Supply Range ............. 4.5V to 40V • Operating Temperature Range............. ..................................... -40°C to +125°C • ISL28210 is ideal for Flow Sensors and other high impedance applications. + - Transimpedance Amp Photodiode ISL28210 has Very High 560GΩ Input Impedance ISL28210 Key Features • Wide Supply Range ................ 9V to 40V • Low Voltage Noise .................. 6nV/√Hz • Low Input Bias Current...................2pA • High Slew Rate...........................20V/μs • High Bandwidth....................... 12.5MHz • Low Input Offset..................300μV, Max • Low Current Consumption .......2.55mA • Wide Tempe Range ..... -40°C to +125°C Applications • High Impedance Buffers • Medical Instrumentation • Flow Sensor • ATE/Test • Data Acquisition 40V Dual Precision, Low Noise, JFET Op Amp Evalboard Available! Evalboard Available! |
Số phần tương tự - ISL28117B |
|
Mô tả tương tự - ISL28117B |