công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL12023 bảng dữ liệu(PDF) 4 Page - Intersil Corporation

tên linh kiện ISL12023
Giải thích chi tiết về linh kiện  High-Accuracy RTC Modules, Feature-Rich RTCs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12023 bảng dữ liệu(HTML) 4 Page - Intersil Corporation

  ISL12023 Datasheet HTML 1Page - Intersil Corporation ISL12023 Datasheet HTML 2Page - Intersil Corporation ISL12023 Datasheet HTML 3Page - Intersil Corporation ISL12023 Datasheet HTML 4Page - Intersil Corporation ISL12023 Datasheet HTML 5Page - Intersil Corporation ISL12023 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.intersil.com/timing
REAL TIME CLOCK ICs
INTERSIL SELECTION GUIDE
FEATURE-RICH RTCs
Feature-Rich RTCs
Device
IBAT
(nA)
Alarms
Selectable
Frequency
Output
CPU Supervisory
Function
Battery
IRQ
FOUT
SRAM
Other Functions
Package
POR
Watchdog
Timer
Seal
Back-
up
with 50/60 Cycle AC Input
ISL12030
N/A
2
N
N
N
N
N
Y
N
128 Bytes
•ACInput
8 Ld SOIC
ISL12032
800
2
7
Y
Y
N
Y
Y
Y
128 Bytes
•ACInput
•CrystalBackup
•TrickleCharger
14 Ld TSSOP
High Precision RTC with On-Chip Temperature Sensor
ISL12022
1000
1
15
N
N
Y
Y
Shared Pin
128 Bytes
•BatterySwitchoverTimeStamp
•BatteryStatusMonitor
8 Ld SOIC
ISL12023
1000
1
15
N
N
Y
Y
Dedicated
Pin
Dedicated
Pin
128 Bytes
•BatterySwitchoverTimeStamp
•BatteryStatusMonitor
14 Ld TSSOP
with Integrated EEPROM
ISL12026
850
2
3
N
N
Y
Y
Shared Pin
512x8-Bit EEPROM
8 Ld SOIC, 8 Ld TSSOP
with Integrated EEPROM and Embedded Unique ID
ISL12024
850
2
3
N
N
Y
Y
Shared Pin
512x8-Bit EEPROM •64-bitUniqueID
8 Ld SOIC, 8 Ld TSSOP
ISL12024IRTCZ
850
2
3
N
N
Y
Y
Shared Pin
512x8-Bit EEPROM •64-bitUniqueID
8 Ld TDFN
with Integrated EEPROM and CPU Supervisory Functions
ISL12027
850
2
Y
Y
Y
Y
-
-
512x8-Bit EEPROM
8 Ld SOIC, 8 Ld TSSOP
ISL12028
850
2
3
Y
Y
Y
Y
Shared Pin
512x8-Bit EEPROM •CMOSoutputonalarms
14 Ld SOIC, 14 Ld TSSOP
ISL12029
850
2
3
Y
Y
Y
Y
Shared Pin
512x8-Bit EEPROM •Opendrainoutputonalarms
14 Ld SOIC, 14 Ld TSSOP
with Integrated EEPROM, Embedded Unique ID, and CPU Supervisory Functions
ISL12025
850
2
Y
Y
Y
Y
-
-
512x8-Bit EEPROM •64-bitUniqueID
•CPUSupervisor
8 Ld SOIC, 8 Ld TSSOP
ISL12025
Crystal
Oscillator
CPU Supervisor
Functions
Battery
Switch
Circuitry
64-bit
Unique ID
Serial
Interface
Decoder
512 x 8-Bits
EEPROM
Alarm
µP
I2C
VDD
VBAT
Battery or
SuperCap
Watchdog
Timer
Power On
Reset
2.7V to 5.5V
1.8V to 5.5V
Clock
Calendar
Battery-
backed
User SRAM
• Can be used to identify
each node. Data from each
node can be encrypted with
a unique ID for security
purposes.
• Unique ID can be accessed
for reading purposes only.
Embedded 64-bit Unique ID
Power-On Reset and watchdog
Timer (ISL12025 only)
5 selectable VTRIP levels from
2.63V to 4.64V
512x8-bits EEPROM
• 16-byte page write mode
(32 total pages)
• 8 modes of BlockLock™
protection
• >2,000,000 write cycle
and 50 years endurance
reliability
Do you track your product for
warranty purposes?
RTC wITH FACTORy PROGRAMMED 64-BIT
UNIQUE ID ENHANCES SECURITy
The ISL12024, ISL12025 are RTCs with
embedded 64-bit unique ID, 512 x 8-bits
EEPROM, and supervisory functions (ISL12025).
These devices permit data encryption in security
and networking applications and eliminate the
need for an external stand-alone unique ID.
Feature-Rich
RTC with
Embedded
Unique ID
ISL12024,
ISL12025
kEy FEATURES
• Real-Time Clock/Calendar-Tracks Time in Hours,
Minutes and Seconds
- Day of the Week, Day, Month and Year
• 64-Bit Read-Only Unique ID
• Two Non-Volatile Alarms
- Settable by Seconds, to Months
- Repeat Mode (Periodic Interrupts)
• Automatic Backup Switching to Battery or
SuperCap™
• On-Chip Oscillator Compensation
- Internal Feedback Resistor and Compensation
Capacitors
- Analog and Digital Trim
BLOCk DIAGRAM
Automatic Backup
Battery Switch


Số phần tương tự - ISL12023

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12023 INTERSIL-ISL12023 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12023 RENESAS-ISL12023 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
logo
Intersil Corporation
ISL12023IVZ INTERSIL-ISL12023IVZ Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
logo
Renesas Technology Corp
ISL12023IVZ RENESAS-ISL12023IVZ Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results

Mô tả tương tự - ISL12023

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TCA5013 TI1-TCA5013 Datasheet
1Mb / 68P
[Old version datasheet]   Feature Rich Smartcard Interface IC
logo
Golledge Electronics Lt...
RV8803C7 GOLLEDGE-RV8803C7_18 Datasheet
770Kb / 5P
   RTC I C bus High Accuracy
logo
Microchip Technology
MCP1726-ADJE MICROCHIP-MCP1726-ADJE Datasheet
100Kb / 2P
   Feature-Rich, Low Dropout Regulator for High-Performance Microprocessor Applications
3/1/05
logo
Cymbet Corporation
AN-1058 CYMBET-AN-1058 Datasheet
280Kb / 7P
   Using CBC348xx EnerChip RTC in High Accuracy Applications
logo
Zilog, Inc.
Z8E000 ZILOG-Z8E000 Datasheet
547Kb / 45P
   FEATURE-RICH Z8 PLUS ONE-TIME-PROGRAMMABLE MICROCONTRONLLER
logo
Maxim Integrated Produc...
AN632 MAXIM-AN632 Datasheet
355Kb / 8P
   Evaluating the Accuracy of Maxim Real-Time Clocks (RTCs)
Aug 01, 2001
logo
NIHON DEMPA KOGYO
NR3225SA NDK-NR3225SA Datasheet
699Kb / 1P
   Digital Temperature Compensated RTC Modules
logo
NHP Electrical Engineer...
2080-MEMBAK-RTC NHP-2080-MEMBAK-RTC Datasheet
636Kb / 1P
   M830/M850 PLUG-IN RECIPE BACKUP AND HIGH ACCURACY RTC
6 June 2023,
logo
OmniVision Technologies...
OV7675 OMNIVISION-OV7675 Datasheet
988Kb / 2P
   Higher Performance, Feature Rich VGA Sensor to Support Fast Growing EmergingMarkets
logo
List of Unclassifed Man...
AR9344 ETC2-AR9344 Datasheet
4Mb / 466P
   Highly-Integrated and Feature-Rich IEEE Premium SoC for Advanced WLAN Platforms
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com