công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14504BDTR2G bảng dữ liệu(PDF) 1 Page - ON Semiconductor |
|
MC14504BDTR2G bảng dữ liệu(HTML) 1 Page - ON Semiconductor |
1 / 7 page © Semiconductor Components Industries, LLC, 2011 June, 2011 − Rev. 7 1 Publication Order Number: MC14504B/D MC14504B Hex Level Shifter for TTL to CMOS or CMOS to CMOS The MC14504B is a hex non−inverting level shifter using CMOS technology. The level shifter will shift a TTL signal to CMOS logic levels for any CMOS supply voltage between 5 and 15 volts. A control input also allows interface from CMOS to CMOS at one logic level to another logic level: Either up or down level translating is accomplished by selection of power supply levels VDD and VCC. The VCC level sets the input signal levels while VDD selects the output voltage levels. Features • UP Translates from a Low to a High Voltage or DOWN Translates from a High to a Low Voltage • Input Threshold Can Be Shifted for TTL Compatibility • No Sequencing Required on Power Supplies or Inputs for Power Up or Power Down • 3 to 18 Vdc Operation for VDD and VCC • Diode Protected Inputs to VSS • Capable of Driving Two Low−Power TTL Loads or One Low−Power Schottky TTL Load Over the Rated Temperature Range • These Devices are Pb−Free and are RoHS Compliant MAXIMUM RATINGS (Voltages Referenced to VSS) Symbol Parameter Value Unit VCC DC Supply Voltage Range −0.5 to +18.0 V VDD DC Supply Voltage Range −0.5 to +18.0 V Vin Input Voltage Range (DC or Transient) −0.5 to +18.0 V Vout Output Voltage Range (DC or Transient) −0.5 to VDD + 0.5 V Iin, Iout Input or Output Current (DC or Transient) per Pin ±10 mA PD Power Dissipation, per Package (Note 1) 500 mW TA Ambient Temperature Range −55 to +125 °C Tstg Storage Temperature Range −65 to +150 °C TL Lead Temperature (8−Second Soldering) 260 °C Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Temperature Derating: Plastic “P and D/DW” Packages: – 7.0 mW/_C From 65_C To 125_C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high−impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS v (Vin or Vout) v VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open. http://onsemi.com MARKING DIAGRAMS PDIP−16 P SUFFIX CASE 648 MC14504BCP AWLYYWWG SOIC−16 D SUFFIX CASE 751B TSSOP−16 DT SUFFIX CASE 948F 14504BG AWLYWW A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week G or G = Pb−Free Indicator SOEIAJ−16 F SUFFIX CASE 966 MC14504B ALYWG See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ORDERING INFORMATION 16 1 1 16 1 16 14 504B ALYWG G 1 16 (Note: Microdot may be in either location) |
Số phần tương tự - MC14504BDTR2G |
|
Mô tả tương tự - MC14504BDTR2G |