công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14504B bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC14504B
Giải thích chi tiết về linh kiện  Hex Level Shifter for TTL to CMOS or CMOS to CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14504B bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC14504B_11 Datasheet HTML 1Page - ON Semiconductor MC14504B_11 Datasheet HTML 2Page - ON Semiconductor MC14504B_11 Datasheet HTML 3Page - ON Semiconductor MC14504B_11 Datasheet HTML 4Page - ON Semiconductor MC14504B_11 Datasheet HTML 5Page - ON Semiconductor MC14504B_11 Datasheet HTML 6Page - ON Semiconductor MC14504B_11 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC14504B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VCC
Vdc
VDD
Vdc
− 55_C
25_C
125_C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
Output Voltage
“0” Level
Vin = 0 V
“1” Level
Vin = VCC
VOL
5.0
10
1 5
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VOL = 1.0 Vdc) TTL−CMOS
(VOL = 1.5 Vdc) TTL−CMOS
(VOL = 1.0 Vdc) CMOS−CMOS
(VOL = 1.5 Vdc) CMOS−CMOS
(VOL = 1.5 Vdc) CMOS−CMOS
VIL
5.0
5.0
5.0
5.0
10
10
15
10
15
15
0.8
0.8
1.5
1.5
3.0
1.3
1.3
2.25
2.25
4.5
0.8
0.8
1.5
1.5
3.0
0.8
0.8
1.4
1.5
2.9
Vdc
Input Voltage
“1” Level
(VOH = 9.0 Vdc) TTL−CMOS
(VOH = 13.5 Vdc) TTL−CMOS
(VOH = 9.0 Vdc) CMOS−CMOS
(VOH = 13.5 Vdc) CMOS−CMOS
(VOH = 13.5 Vdc) CMOS−CMOS
VIH
5.0
5.0
5.0
5.0
10
10
15
10
15
15
2.0
2.0
3.6
3.6
7.1
2.0
2.0
3.5
3.5
7.0
1.5
1.5
2.75
2.75
5.5
2.0
2.0
3.5
3.5
7.0
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
– 1.3
– 3.4
– 4.2
– 0.88
– 2.25
– 8.8
– 1.7
– 0.36
– 0.9
– 2.4
mAdc
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
± 0.1
±0.00001 ± 0.1
± 1.0
mAdc
Input Capacitance (Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
CMOS−CMOS Mode
IDD or
ICC
5.0
10
15
0.05
0.10
0.20
0.0005
0.0010
0.0015
0.05
0.10
0.20
1.5
3.0
6.0
mAdc
Quiescent Current
(Per Package)
TTL−CMOS Mode
IDD
5.0
5.0
5.0
5.0
10
15
0.5
1.0
2.0
0.0005
0.0010
0.0015
0.5
1.0
2.0
3.8
7.5
15
mAdc
Quiescent Current
(Per Package)
TTL−CMOS Mode
ICC
5.0
5.0
5.0
5.0
10
15
5.0
5.0
5.0
2.5
2.5
2.5
5.0
5.0
5.0
6.0
6.0
6.0
mAdc
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Số phần tương tự - MC14504B_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_14 Datasheet
121Kb / 7P
   Hex Level Shifter for TTL to CMOS
July, 2014 ??Rev. 9
More results

Mô tả tương tự - MC14504B_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_05 Datasheet
106Kb / 8P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14504B MOTOROLA-MC14504B Datasheet
100Kb / 5P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
REV 3
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B Datasheet
188Kb / 8P
   Hex Level Shifter for TTL to CMOS or COMS to CMOS
March, 2000 ??Rev. 3
logo
Texas Instruments
CD4504B-EP TI-CD4504B-EP Datasheet
589Kb / 13P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
logo
Intersil Corporation
CD4504BT INTERSIL-CD4504BT Datasheet
33Kb / 3P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
July 1999
logo
Texas Instruments
CD4504B TI1-CD4504B_12 Datasheet
891Kb / 16P
[Old version datasheet]   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
logo
Intersil Corporation
CD4504BMS INTERSIL-CD4504BMS Datasheet
60Kb / 8P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
December 1992
logo
Texas Instruments
CD4504B TI-CD4504B Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS OR CMOS-TO-CMOS OPERATION
CD4504BPWR TI-CD4504BPWR Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE LEVEL SHIFTER FOR TTL TO CMOS OR CMOS TO CMOS OPERATION
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com