công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Y-CONC-R402SRJ2U-2000-B bảng dữ liệu(PDF) 28 Page - Yamaichi Electronics Co., Ltd.

tên linh kiện Y-CONC-R402SRJ2U-2000-B
Giải thích chi tiết về linh kiện  IP67/68/69K Protected Components
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Trang chủ  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

Y-CONC-R402SRJ2U-2000-B bảng dữ liệu(HTML) 28 Page - Yamaichi Electronics Co., Ltd.

Back Button Y-CONC-R402SRJ2U-2000-B Datasheet HTML 24Page - Yamaichi Electronics Co., Ltd. Y-CONC-R402SRJ2U-2000-B Datasheet HTML 25Page - Yamaichi Electronics Co., Ltd. Y-CONC-R402SRJ2U-2000-B Datasheet HTML 26Page - Yamaichi Electronics Co., Ltd. Y-CONC-R402SRJ2U-2000-B Datasheet HTML 27Page - Yamaichi Electronics Co., Ltd. Y-CONC-R402SRJ2U-2000-B Datasheet HTML 28Page - Yamaichi Electronics Co., Ltd. Y-CONC-R402SRJ2U-2000-B Datasheet HTML 29Page - Yamaichi Electronics Co., Ltd. Y-CONC-R402SRJ2U-2000-B Datasheet HTML 30Page - Yamaichi Electronics Co., Ltd. Y-CONC-R402SRJ2U-2000-B Datasheet HTML 31Page - Yamaichi Electronics Co., Ltd. Y-CONC-R402SRJ2U-2000-B Datasheet HTML 32Page - Yamaichi Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Y-ConCover-40-E
Part Number
Cover
Plug
Signal Contacts
Power Contacts
Y-ConKit-40-E
Y-ConCover-40-E
Y-ConPlug-11
4 (Ethernet)
0
Y-ConKit-41-E
Y-ConCover-40-E
Y-ConPlug-21
4 (Ethernet)
2
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
27
Description:
IP67/68/69K RJ45 Field kit
for self-assembly (metal)
IP67/68/69K RJ45 Konfektionierungs Kit
zur Selbstmontage
Description:
IP20 RJ45 Field kit for
self-assembly
IP20 RJ45 Konfektionierungs-Kit
zur Selbstmontage
Description:
IP20 EMI RJ45 Field kit
for self-assembly (Metal)
IP20 EMI RJ45 Konfektionierungs-Kit
zur Selbstmontage (Metallversion)
Description:
IP67/68/69K EMI RJ45
Field kit for self-assembly
(metal)
IP67/68/69K EMV RJ45 Konfektionierungs-
Kit zur Selbstmontage (Metallversion)
Part Number
Strain Relief
Plug
Signal Contacts
Power Contacts
Y-ConKit-10
Y-ConAS-11
Y-ConPlug-11
4 (Ethernet)
0
Y-ConKit-11
Y-ConAS-11
Y-ConPlug-21
4 (Ethernet)
2
Y-ConKit-12
Y-ConAS-11
Y-ConPlug-51
8
2
Y-ConKit-13
Y-ConAS-11
Y-ConPlug-31
6
2
Y-ConKit-14
Y-ConAS-11
Y-ConPlug-41
8
0
Part Number
Protection Cap
Cover Type
Plug Type
Signal Contacts
Power Contacts
Y-ConKit-15
Y-ConAS-12
Y-ConCover-20
Y-ConPlug-21
4 (Ethernet)
2
Y-ConKit-16
Y-ConAS-12
Y-ConCover-20
Y-ConPlug-51
8
2
Y-ConKit-17
Y-ConAS-12
Y-ConCover-20
Y-ConPlug-11
4 (Ethernet)
0
Y-ConAS-11
Insert
Y-ConAS-12
Y-ConRJ45 Field Kits
IP67 / 68 / 69K Field Kits
IP20 Field Kits
IP67 / 68 / 69K Metal Field Kits
(EMI)
IP20 Field Kits (EMI)
Y-ConKit
- 4*
Y-ConKit
- 1*
Y-ConKit
- 1*
Y-ConKit
- 4*
Part Number (Details)
Part Number (Details)
Part Number (Details)
Part Number (Details)
Y-ConCover20
Series
See table below
Series
See table below
Series
See table below
Series
See table below
Part Number
Cover
Plug
Signal Contacts
Power Contacts
Y-ConKit-40
Y-ConCover-40
Y-ConPlug-11
4 (Ethernet)
0
Y-ConKit-41
Y-ConCover-40
Y-ConPlug-21
4 (Ethernet)
2
Y-ConCover-40
Y-ConPlug-**
Y-ConPlug-**
Y-ConPlug-**
Insert
Insert
Insert
Y-ConPlug-**
Insert


Số phần tương tự - Y-CONC-R402SRJ2U-2000-B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
YAMAHA CORPORATION
Y-CONC-R402S-CU2L-2000-A YAMAHA-Y-CONC-R402S-CU2L-2000-A Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONC-R402S-CU2L-2000-B YAMAHA-Y-CONC-R402S-CU2L-2000-B Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONC-R402S-CU2L-2000-C YAMAHA-Y-CONC-R402S-CU2L-2000-C Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONC-R402S-CU2M-2000-A YAMAHA-Y-CONC-R402S-CU2M-2000-A Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONC-R402S-CU2M-2000-B YAMAHA-Y-CONC-R402S-CU2M-2000-B Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
More results

Mô tả tương tự - Y-CONC-R402SRJ2U-2000-B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
YAMAHA CORPORATION
Y-CONCOVER-10-X-X YAMAHA-Y-CONCOVER-10-X-X Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
logo
Yamaichi Electronics Co...
Y-CONSWITCH-1UP7 YAMAICHI-Y-CONSWITCH-1UP7 Datasheet
277Kb / 1P
   IP67 Protected 10BaseT / 100Base-TX Ethernet Switch
logo
List of Unclassifed Man...
JR25WCCA-12 ETC2-JR25WCCA-12 Datasheet
549Kb / 8P
   IP67 waterproof protected heavy duty metal shell connectors
logo
PHOENIX CONTACT
1261657 PHOENIX-1261657 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K
Dec 2, 2022
1261660 PHOENIX-1261660 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K
Dec 2, 2022
1261659 PHOENIX-1261659 Datasheet
203Kb / 6P
   Monitor - FPM 23.8 69K
Dec 2, 2022
1261662 PHOENIX-1261662 Datasheet
206Kb / 6P
   Monitor - FPM 23.8 69K SP
Dec 2, 2022
1261656 PHOENIX-1261656 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K SP
Dec 2, 2022
1261658 PHOENIX-1261658 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K SP
Dec 2, 2022
1262469 PHOENIX-1262469 Datasheet
211Kb / 7P
   Panel PC - PPC 17.3 AIO 69K
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com