công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10E136 bảng dữ liệu(PDF) 8 Page - ON Semiconductor

tên linh kiện MC10E136
Giải thích chi tiết về linh kiện  5VECL 6-Bit Universal Up/Down Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E136 bảng dữ liệu(HTML) 8 Page - ON Semiconductor

Back Button MC10E136_08 Datasheet HTML 4Page - ON Semiconductor MC10E136_08 Datasheet HTML 5Page - ON Semiconductor MC10E136_08 Datasheet HTML 6Page - ON Semiconductor MC10E136_08 Datasheet HTML 7Page - ON Semiconductor MC10E136_08 Datasheet HTML 8Page - ON Semiconductor MC10E136_08 Datasheet HTML 9Page - ON Semiconductor MC10E136_08 Datasheet HTML 10Page - ON Semiconductor MC10E136_08 Datasheet HTML 11Page - ON Semiconductor MC10E136_08 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC10E136, MC100E136
http://onsemi.com
8
Figure 4. Look-Ahead-Carry Input Structure
ACTIVE
LOW
CLK
CIN
CLIN
Q
D
Note from the waveforms that the look-ahead-carry
output (CLOUT) pulses low one clock pulse before the
counter reaches terminal count. Also note that both CLOUT
and the carry out pin (COUT) of the device pulse low for
only one clock period. The input structure for
look-ahead-carry in (CLIN) and carry in (CIN) is pictured
in Figure 2.
The CLIN input is registered and then ORed with the CIN
input. From the truth table one can see that both the CIN and
the CLIN inputs must be in a LOW state for the E136 to be
enabled to count (either count up or count down). The CLIN
inputs are driven by the CLOUT output of the lowest order
E136 and therefore are only asserted for a single clock
period. Since the CLIN input is registered it must be asserted
one clock period prior to the CIN input.
If the counter previous to a given counter is at terminal
count its COUT output and thus the CIN input of the given
counter will be in the “LOW” state. This signals the given
counter that it will need to count one upon the next terminal
count of the least significant counter (LSC). The CLOUT
output of the LSC will pulse low one clock period before it
reaches terminal count. This CLOUT signal will be clocked
into the CLIN input of the higher order counters on the
following positive clock transition. Since both CIN and
CLIN are in the LOW state the next clock pulse will cause
the least significant counter to roll over and all higher order
counters, if signaled by their CIN inputs, to count by one.
Figure 5. 6-bit Programmable Divider
“LO”
S2
S1
Q0 −> Q5
D0 −> D5
COUT
COUT
CLK
CLOCK
During the clock pulse in which the higher order counter
is counting by one the CLIN is clocking in the high signal
presented by the CLOUT of the LSC. The CIN’s in the
higher order counter will ripple propagate through the chain
to update the count status for the next occurrence of terminal
count on the LSC. This ripple propagation will not affect the
count frequency as it has 26−1 or 63 clock pulses to ripple
through without affecting the count operation of the chain.
The only limiting factor which could reduce the count
frequency of the chain as compared to a free running single
device will be the setup time of the CLIN input. This limit
will consist of the CLK to CLOUT delay of the E136 plus
the CLIN setup time plus any path length differences
between the CLOUT output and the clock.
Programmable Divider
Using external feedback of the COUT pin, the E136 can
be configured as a programmable divider. Figure 3
illustrates the configuration for a 6-bit count down
programmable divider. If for some reason a count up divider
is preferred the COUT signal is simply fed back to S2 rather
than S1. Examination of the truth table for the E136 shows
that when both S1 and S2 are LOW the counter will parallel
load on the next positive transition of the clock. If the S2
input is low and the S1 input is high the counter will be in the
count down mode and will count towards an all zero state
upon successive clock pulses. Knowing this and the
operation of the COUT output it becomes a trivial matter to
build programmable dividers.
For a programmable divider one wants to load a
predesignated number into the counter and count to terminal
count. Upon terminal count the counter should
automatically reload the divide number. With the
architecture shown in Figure 3 when the counter reaches
terminal count the COUT output and thus the S1 input will
go LOW, this combined with the low on S2 will cause the
counter to load the inputs present on D0-D5. Upon loading
the divide value into the counter COUT will go HIGH as the
counter is no longer at terminal count thereby placing the
counter back into the count mode.
Table 10. Preset Inputs Versus Divide Ratio
Divide
Preset Data Inputs
Ratio
D5
D4
D3
D2
D1
D0
2
3
4
5
36
37
38
62
63
64
L
L
L
L
H
H
H
H
H
H
L
L
L
L
L
L
L
H
H
H
L
L
L
L
L
L
L
H
H
H
L
L
L
H
L
H
H
H
H
H
L
H
H
L
H
L
L
L
H
H
H
L
H
L
H
L
H
H
L
H


Số phần tương tự - MC10E136_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E136 ONSEMI-MC10E136_06 Datasheet
158Kb / 12P
   5V ECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com