công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM317MABDT bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện LM317MABDT
Giải thích chi tiết về linh kiện  500 mA Adjustable Output, Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317MABDT bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  LM317MABDT Datasheet HTML 1Page - ON Semiconductor LM317MABDT Datasheet HTML 2Page - ON Semiconductor LM317MABDT Datasheet HTML 3Page - ON Semiconductor LM317MABDT Datasheet HTML 4Page - ON Semiconductor LM317MABDT Datasheet HTML 5Page - ON Semiconductor LM317MABDT Datasheet HTML 6Page - ON Semiconductor LM317MABDT Datasheet HTML 7Page - ON Semiconductor LM317MABDT Datasheet HTML 8Page - ON Semiconductor LM317MABDT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LM317M, NCV317MAB, NCV317MB
http://onsemi.com
2
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Input−Output Voltage Differential
VI−VO
40
Vdc
Power Dissipation (Package Limitation) (Note 1)
Plastic Package, T Suffix, Case 221A
TA = 25°C
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
Plastic Package, DT Suffix, Case 369C
TA = 25°C
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
Plastic Package, ST Suffix, Case 318E
TA = 25°C
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
PD
qJA
qJC
PD
qJA
qJC
PD
qJA
qJC
Internally Limited
70
5.0
Internally Limited
92
5.0
Internally Limited
245
15
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
Operating Junction Temperature Range
TJ
−40 to +150
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Figure 25 provides thermal resistance versus PC board pad size.
ELECTRICAL CHARACTERISTICS (VI − VO = 5.0 V; IO = 0.1 A, TJ = Tlow to Thigh (Note 2), unless otherwise noted.)
Characteristics
Figure
Symbol
LM317M / LM317MB/NCV317MB
Unit
Min
Typ
Max
Line Regulation (Note 3) (TA = 25°C, 3.0 V ≤ VI − VO ≤ 40 V)
3
Regline
0.01
0.04
%/V
Load Regulation (Note 3)
TA = 25°C, 10 mA ≤ IO ≤ 0.5 A
VO ≤ 5.0 V
VO ≥ 5.0 V
4
Regload
5.0
0.1
25
0.5
mV
% VO
Adjustment Pin Current
5
IAdj
50
100
mA
Adjustment Pin Current Change
2.5 V ≤ VI − VO ≤ 40 V, 10 mA ≤ IL ≤ 0.5 A, PD ≤ Pmax
3, 4
DIAdj
0.2
5.0
mA
Reference Voltage
3.0 V ≤ VI − VO ≤ 40 V, 10 mA ≤ IL ≤ 0.5 A, PD ≤ Pmax
5
Vref
1.20
1.25
1.30
V
Line Regulation 3.0 V ≤ VI−VO ≤ 40 V (Note 3)
3
Regline
0.02
0.07
%/V
Load Regulation 10 mA ≤ IO ≤ 0.5 A (Note 3)
VO ≤ 5.0 V
VO ≥ 5.0 V
4
Regload
20
0.3
70
1.5
mV
% VO
Temperature Stability (Tlow ≤ TJ ≤ Thigh)
5
TS
0.7
% VO
Minimum Load Current to Maintain Regulation (VI − VO = 40 V)
5
ILmin
3.5
10
mA
Maximum Output Current
VI − VO ≤ 15 V, PD ≤ Pmax
VI − VO = 40 V, PD ≤ Pmax, TA = 25°C
5
Imax
0.5
0.15
0.9
0.25
A
RMS Noise, % of VO (TA = 25°C, 10 Hz ≤ f ≤ 10 kHz)
N
0.003
% VO
Ripple Rejection, VO = 10 V, f = 120 Hz (Note 4)
Without CAdj
CAdj = 10 mF
6
RR
66
65
80
dB
Thermal Shutdown (Note 5)
180
°C
Long−Term Stability, TJ = Thigh (Note 6)
TA= 25°C for End−point Measurements
5
S
0.3
1.0
%/1.0
kHrs.
2. Tlow to Thigh = 0° to +125°C for LM317M
Tlow to Thigh = −40° to +125°C for LM317MB, NCV317MB.
3. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
4. CAdj, when used, is connected between the adjustment pin and ground.
5. Thermal characteristics are not subject to production test.
6. Since Long−Term Stability cannot be measured on each device before shipment, this specification is an engineering estimate of average
stability from lot−to−lot.


Số phần tương tự - LM317MABDT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LM317MABDT ONSEMI-LM317MABDT Datasheet
232Kb / 16P
   Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
LM317MABDT ONSEMI-LM317MABDT Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
LM317MABDTG ONSEMI-LM317MABDTG Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
LM317MABDTRK ONSEMI-LM317MABDTRK Datasheet
232Kb / 16P
   Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
LM317MABDTRK ONSEMI-LM317MABDTRK Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
More results

Mô tả tương tự - LM317MABDT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Toshiba Semiconductor
TA58MS00F TOSHIBA-TA58MS00F Datasheet
218Kb / 8P
   500-mA Adjustable-Output Voltage Regulator with On/Off Switch
2009-09-30
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
logo
New Japan Radio
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
   HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com