công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ACT2236-20FN bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện SN74ACT2236-20FN
Giải thích chi tiết về linh kiện  1024x9x2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT2236-20FN bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button SN74ACT2236-20FN Datasheet HTML 3Page - Texas Instruments SN74ACT2236-20FN Datasheet HTML 4Page - Texas Instruments SN74ACT2236-20FN Datasheet HTML 5Page - Texas Instruments SN74ACT2236-20FN Datasheet HTML 6Page - Texas Instruments SN74ACT2236-20FN Datasheet HTML 7Page - Texas Instruments SN74ACT2236-20FN Datasheet HTML 8Page - Texas Instruments SN74ACT2236-20FN Datasheet HTML 9Page - Texas Instruments SN74ACT2236-20FN Datasheet HTML 10Page - Texas Instruments SN74ACT2236-20FN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SN74ACT2236
1024 × 9 × 2
ASYNCHRONOUS BIDIRECTIONAL FIRST IN, FIRST OUT MEMORY
SCAS149A − APRIL 1990 − REVISED SEPTEMBER 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
SELECT-MODE CONTROL TABLE
CONTROL
OPERATION
SAB
SBA
A BUS
B BUS
L
L
Real-time B to A bus
Real-time A to B bus
L
H
FIFO B to A bus
Real-time A to B bus
H
L
Real-time B to A bus
FIFO A to B bus
H
H
FIFO B to A bus
FIFO A to B bus
OUTPUT-ENABLE CONTROL TABLE
CONTROL
OPERATION
DIR
OE
A BUS
B BUS
X
H
Input
Input
L
L
Output
Input
H
L
Input
Output
Figure 1. Bus-Management Functions (Continued)
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage: Control inputs
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I/O ports
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to a disabled 3-state output
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Số phần tương tự - SN74ACT2236-20FN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ACT2235 TI-SN74ACT2235 Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2235-20FN TI-SN74ACT2235-20FN Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2235-20PAG TI-SN74ACT2235-20PAG Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2235-20PM TI-SN74ACT2235-20PM Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2235-30FN TI-SN74ACT2235-30FN Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

Mô tả tương tự - SN74ACT2236-20FN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820-20PN TI-SN74ABT7820-20PN Datasheet
253Kb / 18P
[Old version datasheet]   STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7819 TI1-SN54ABT7819_13 Datasheet
315Kb / 22P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS234 TI1-SN74ALS234 Datasheet
206Kb / 11P
[Old version datasheet]   64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT2235 TI-SN74ACT2235 Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS2238 TI1-SN74ALS2238 Datasheet
178Kb / 11P
[Old version datasheet]   32 X 9 X 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
[Old version datasheet]   64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com