công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AC04QPWRQ1 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74AC04QPWRQ1
Giải thích chi tiết về linh kiện  HEX INVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AC04QPWRQ1 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  SN74AC04QPWRQ1 Datasheet HTML 1Page - Texas Instruments SN74AC04QPWRQ1 Datasheet HTML 2Page - Texas Instruments SN74AC04QPWRQ1 Datasheet HTML 3Page - Texas Instruments SN74AC04QPWRQ1 Datasheet HTML 4Page - Texas Instruments SN74AC04QPWRQ1 Datasheet HTML 5Page - Texas Instruments SN74AC04QPWRQ1 Datasheet HTML 6Page - Texas Instruments SN74AC04QPWRQ1 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74AC04QPWRG4Q1
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AC04QPWRQ1
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF SN74AC04-Q1 :
Catalog: SN74AC04
Enhanced Product: SN74AC04-EP
Military: SN54AC04
NOTE: Qualified Version Definitions:
Catalog - TI's standard catalog product
Enhanced Product - Supports Defense, Aerospace and Medical Applications
Military - QML certified for Military and Defense Applications
PACKAGE OPTION ADDENDUM
www.ti.com
10-Feb-2010
Addendum-Page 1


Số phần tương tự - SN74AC04QPWRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AC04 TI-SN74AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
SN74AC04 TI1-SN74AC04 Datasheet
269Kb / 8P
[Old version datasheet]   HEX INVERTER
SN74AC04-EP TI-SN74AC04-EP Datasheet
86Kb / 5P
[Old version datasheet]   HEX INVERTER
SN74AC04-EP TI1-SN74AC04-EP Datasheet
269Kb / 8P
[Old version datasheet]   HEX INVERTER
SN74AC04-EP TI1-SN74AC04-EP_08 Datasheet
269Kb / 8P
[Old version datasheet]   HEX INVERTER
More results

Mô tả tương tự - SN74AC04QPWRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com