công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABTH32543MPZEP bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện SN74ABTH32543MPZEP
Giải thích chi tiết về linh kiện  36-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABTH32543MPZEP bảng dữ liệu(HTML) 5 Page - Texas Instruments

  SN74ABTH32543MPZEP Datasheet HTML 1Page - Texas Instruments SN74ABTH32543MPZEP Datasheet HTML 2Page - Texas Instruments SN74ABTH32543MPZEP Datasheet HTML 3Page - Texas Instruments SN74ABTH32543MPZEP Datasheet HTML 4Page - Texas Instruments SN74ABTH32543MPZEP Datasheet HTML 5Page - Texas Instruments SN74ABTH32543MPZEP Datasheet HTML 6Page - Texas Instruments SN74ABTH32543MPZEP Datasheet HTML 7Page - Texas Instruments SN74ABTH32543MPZEP Datasheet HTML 8Page - Texas Instruments SN74ABTH32543MPZEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN74ABTH32543-EP
36-BIT REGISTERED BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCBS757 – AUGUST 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
VCC = 4.5 V,
IOH = – 3 mA
2.5
VOH
VCC = 5 V,
IOH = – 3 mA
3
V
VCC = 4.5 V
IOH = – 24 mA
2
VOL
VCC = 4.5 V
IOL = 48 mA
0.55
V
Vhys
100
mV
I
Control inputs
VCC =5 5V
VI =VCC or GND
±1
µA
II
A or B ports
VCC = 5.5 V,
VI = VCC or GND
±20
µA
IOZPU‡
VCC = 0 to 2.1 V, VO = 0.5 V to 2.7 V, OE = X
±50
µA
IOZPD‡
VCC = 2.1 V to 0, VO = 0.5 V to 2.7 V, OE = X
±50
µA
ICEX
VCC = 5.5 V, VO = 5.5 V
Outputs high
50
µA
IO§
VCC = 5.5 V,
VO = 2.5 V
–50
–100
–180
mA
V5 5 V I
0
Outputs high
3
ICC
VCC = 5.5 V, IO = 0,
VI =VCC or GND
Outputs low
20
mA
VI = VCC or GND
Outputs disabled
2
∆ICC¶
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1
mA
Ci
Control inputs
VI = 2.5 V or 0.5 V
3.5
pF
Cio
A or B ports
VO = 2.5 V or 0.5 V
9.5
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ This parameter is specified by characterization.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
MIN
MAX
UNIT
tw
Pulse duration, LEAB or LEBA low
3.3
ns
t
Setup time
Data before LEAB
↑ or LEBA↑
2.6
ns
tsu
Setup time
Data before CEAB
↑ or CEBA↑
2
ns
th
Hold time
Data after LEAB
↑ or LEBA↑
1.1
ns
th
Hold time
Data after CEAB
↑ or CEBA↑
1.2
ns


Số phần tương tự - SN74ABTH32543MPZEP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABTH32543 TI-SN74ABTH32543 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH32543 TI1-SN74ABTH32543 Datasheet
201Kb / 11P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH32543PZ TI-SN74ABTH32543PZ Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH32543PZ TI1-SN74ABTH32543PZ Datasheet
201Kb / 11P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH32543PZG4 TI1-SN74ABTH32543PZG4 Datasheet
201Kb / 11P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - SN74ABTH32543MPZEP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54ABTH32543 TI-SN54ABTH32543 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32543 TI1-SN54ABT32543 Datasheet
159Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI1-SN54ABTH32543_08 Datasheet
201Kb / 11P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ALVCH162525 TI-SN74ALVCH162525 Datasheet
167Kb / 11P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16524 TI-SN74ALVCH16524 Datasheet
125Kb / 9P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16525 TI-SN74ALVCH16525 Datasheet
153Kb / 10P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162525 TI1-SN74ALVCH162525_09 Datasheet
353Kb / 16P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16524 TI1-SN74ALVCH16524_09 Datasheet
319Kb / 12P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH32501 TI-SN74ALVCH32501 Datasheet
160Kb / 11P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH32501 TI1-SN74ALVCH32501_13 Datasheet
788Kb / 14P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com