công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABT162827DL bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện SN74ABT162827DL
Giải thích chi tiết về linh kiện  20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT162827DL bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button SN74ABT162827DL Datasheet HTML 2Page - Texas Instruments SN74ABT162827DL Datasheet HTML 3Page - Texas Instruments SN74ABT162827DL Datasheet HTML 4Page - Texas Instruments SN74ABT162827DL Datasheet HTML 5Page - Texas Instruments SN74ABT162827DL Datasheet HTML 6Page - Texas Instruments SN74ABT162827DL Datasheet HTML 7Page - Texas Instruments SN74ABT162827DL Datasheet HTML 8Page - Texas Instruments SN74ABT162827DL Datasheet HTML 9Page - Texas Instruments SN74ABT162827DL Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74ABT162827DGGR
OBSOLETE
TSSOP
DGG
56
TBD
Call TI
Call TI
SN74ABT162827DL
OBSOLETE
SSOP
DL
56
TBD
Call TI
Call TI
SN74ABT162827DLR
OBSOLETE
SSOP
DL
56
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Sep-2008
Addendum-Page 1


Số phần tương tự - SN74ABT162827DL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT162827A TI-SN74ABT162827A Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162827ADGG TI-SN74ABT162827ADGG Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162827ADGGR TI-SN74ABT162827ADGGR Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162827ADGV TI-SN74ABT162827ADGV Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162827ADGVR TI-SN74ABT162827ADGVR Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - SN74ABT162827DL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
54ACT16827 TI-54ACT16827 Datasheet
150Kb / 1P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT162827A TI-SN54ABT162827A Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162827 HITACHI-HD74ALVCH162827 Datasheet
48Kb / 10P
   20-bit Buffers / Drivers with 3-state Outputs
HD74ALVCH16827 HITACHI-HD74ALVCH16827 Datasheet
47Kb / 9P
   20-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16827 TI-SN54ABT16827_07 Datasheet
295Kb / 10P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162827 RENESAS-HD74ALVCH162827 Datasheet
2Mb / 10P
   20-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16827 TI-SN54ABT16827 Datasheet
107Kb / 6P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH16827 RENESAS-HD74ALVCH16827 Datasheet
230Kb / 9P
   20-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
54ACT16827 TI-54ACT16827_08 Datasheet
323Kb / 10P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54BCT29827B TI-SN54BCT29827B Datasheet
251Kb / 9P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com