công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABT32543PZ bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện SN74ABT32543PZ
Giải thích chi tiết về linh kiện  36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT32543PZ bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN74ABT32543PZ Datasheet HTML 1Page - Texas Instruments SN74ABT32543PZ Datasheet HTML 2Page - Texas Instruments SN74ABT32543PZ Datasheet HTML 3Page - Texas Instruments SN74ABT32543PZ Datasheet HTML 4Page - Texas Instruments SN74ABT32543PZ Datasheet HTML 5Page - Texas Instruments SN74ABT32543PZ Datasheet HTML 6Page - Texas Instruments SN74ABT32543PZ Datasheet HTML 7Page - Texas Instruments SN74ABT32543PZ Datasheet HTML 8Page - Texas Instruments SN74ABT32543PZ Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN54ABT32543, SN74ABT32543
36BIT REGISTERED BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCBS230B − JUNE 1992 − REVISED JULY 1994
Copyright
1994, Texas Instruments Incorporated
5−1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Members of the Texas Instruments
Widebus +
 Family
State-of-the-Art EPIC-ΙΙB BiCMOS Design
Significantly Reduces Power Dissipation
Latch-Up Performance Exceeds 500 mA
Per JEDEC Standard JESD-17
Typical V
OLP (Output Ground Bounce)
< 0.8 V at VCC = 5 V, TA = 25°C
Distributed V
CC and GND Pin Configuration
Minimizes High-Speed Switching Noise
High-Drive Outputs (−32-mA I
OH,
64-mA IOL)
Bus-Hold Inputs Eliminate the Need for
External Pullup Resistors
Packaged in 100-Pin Plastic Thin Quad
Flat (PZ) Package With 14
× 14-mm Body
Using 0.5-mm Lead Pitch
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
SN74ABT32543 ...PZ PACKAGE
(TOP VIEW)
1A9
1A10
GND
1A11
1A12
1A13
1A14
GND
1A15
1A16
1A17
1A18
VCC
2A1
2A2
2A3
2A4
GND
2A5
2A6
2A7
2A8
GND
2A9
2A10
1B9
1B10
GND
1B11
1B12
1B13
1B14
GND
1B15
1B16
1B17
1B18
VCC
2B1
2B2
2B3
2B4
GND
2B5
2B6
2B7
2B8
GND
2B9
2B10
50
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
description
The
′ABT32543 are 36-bit registered transceivers that contain two sets of D-type latches for temporary storage
of data flowing in either direction. These devices can be used as two 18-bit transceivers or one 36-bit transceiver.
Separate latch-enable (LEAB or LEBA) and output-enable (OEAB or OEBA) inputs are provided for each
register to permit independent control in either direction of data flow.
Widebus+ and EPIC-
ΙΙB are trademarks of Texas Instruments Incorporated.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


Số phần tương tự - SN74ABT32543PZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT32501 TI1-SN74ABT32501 Datasheet
149Kb / 8P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT32501PZ TI1-SN74ABT32501PZ Datasheet
149Kb / 8P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - SN74ABT32543PZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54ABTH32543 TI-SN54ABTH32543 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI1-SN54ABTH32543_08 Datasheet
201Kb / 11P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32245 TI-SN54ABTH32245_07 Datasheet
215Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32245 TI1-SN54ABT32245_08 Datasheet
145Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32245 TI-SN54ABTH32245 Datasheet
168Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11470 TI1-74ACT11470 Datasheet
125Kb / 7P
[Old version datasheet]   8-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16474 TI1-74ACT16474 Datasheet
142Kb / 7P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH32543-EP TI1-SN74ABTH32543-EP Datasheet
174Kb / 10P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ABTH32501 TI-SN54ABTH32501 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com