công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABT32316 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện SN74ABT32316
Giải thích chi tiết về linh kiện  16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT32316 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button SN74ABT32316 Datasheet HTML 3Page - Texas Instruments SN74ABT32316 Datasheet HTML 4Page - Texas Instruments SN74ABT32316 Datasheet HTML 5Page - Texas Instruments SN74ABT32316 Datasheet HTML 6Page - Texas Instruments SN74ABT32316 Datasheet HTML 7Page - Texas Instruments SN74ABT32316 Datasheet HTML 8Page - Texas Instruments SN74ABT32316 Datasheet HTML 9Page - Texas Instruments SN74ABT32316 Datasheet HTML 10Page - Texas Instruments SN74ABT32316 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SN54ABT32316, SN74ABT32316
16BIT TRIPORT UNIVERSAL BUS EXCHANGERS
SCBS179A − JUNE 1992 − REVISED JULY 1994
5−7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
SN54ABT32316
SN74ABT32316
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
150
0
150
MHz
tw
Pulse duration
LE high
3.3
3.3
ns
tw
Pulse duration
CLK high or low
3.3
3.3
ns
A, B, or C before CLK
2.4
2.4
tsu
Setup time
A or B before LE
2.1
2.1
ns
tsu
Setup time
CLKEN before CLK
3.2
3.2
ns
A, B, or C after CLK
1.4
1.4
th
Hold time
A or B after LE
2.1
2.1
ns
th
Hold time
CLKEN after CLK
1.1
1.1
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
SN54ABT32316
SN74ABT32316
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fmax
150
150
MHz
tPLH
A, B, or C
C, B, or A
1.4
6.5
1.4
6.1
ns
tPHL
A, B, or C
C, B, or A
1.1
6.8
1.1
6.6
ns
tPLH
SEL
C, B, or A
1.4
6.7
1.4
6.5
ns
tPHL
SEL
C, B, or A
1.8
6.8
1.8
6.5
ns
tPLH
LE
C, B, or A
2.6
8
2.6
7.5
ns
tPHL
LE
C, B, or A
2.6
7.4
2.6
6.9
ns
tPLH
CLK
C, B, or A
2.5
8
2.5
7.5
ns
tPHL
CLK
C, B, or A
2.5
7.2
2.5
6.7
ns
tPZH
OE
C, B, or A
1.5
6.7
1.5
6.4
ns
tPZL
OE
C, B, or A
2.4
6.9
2.4
6.8
ns
tPHZ
OE
C, B, or A
1.5
6.1
1.5
6
ns
tPLZ
OE
C, B, or A
1.9
6.4
1.9
6.1
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Số phần tương tự - SN74ABT32316

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT32318 TI1-SN74ABT32318 Datasheet
157Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN74ABT32318PN TI1-SN74ABT32318PN Datasheet
157Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
More results

Mô tả tương tự - SN74ABT32316

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54ABTH32316 TI-SN54ABTH32316 Datasheet
135Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI-SN54ABTH32316_07 Datasheet
197Kb / 12P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABT32318 TI1-SN54ABT32318 Datasheet
157Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI1-SN54ABTH32316_16 Datasheet
202Kb / 13P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32318 TI-SN54ABTH32318 Datasheet
133Kb / 9P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32318 TI-SN54ABTH32318_06 Datasheet
189Kb / 11P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
logo
Integrated Device Techn...
IDT73720A IDT-IDT73720A Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
IDT73720 IDT-IDT73720 Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
logo
National Semiconductor ...
SCAN16512 NSC-SCAN16512 Datasheet
160Kb / 10P
   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SCAN16512A TI1-SCAN16512A Datasheet
292Kb / 14P
[Old version datasheet]   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com