công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABT541B-Q1 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74ABT541B-Q1
Giải thích chi tiết về linh kiện  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT541B-Q1 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  SN74ABT541B-Q1 Datasheet HTML 1Page - Texas Instruments SN74ABT541B-Q1 Datasheet HTML 2Page - Texas Instruments SN74ABT541B-Q1 Datasheet HTML 3Page - Texas Instruments SN74ABT541B-Q1 Datasheet HTML 4Page - Texas Instruments SN74ABT541B-Q1 Datasheet HTML 5Page - Texas Instruments SN74ABT541B-Q1 Datasheet HTML 6Page - Texas Instruments SN74ABT541B-Q1 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74ABT541BIPWRQ1
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF SN74ABT541B-Q1 :
Catalog: SN74ABT541B
Enhanced Product: SN74ABT541B-EP
NOTE: Qualified Version Definitions:
Catalog - TI's standard catalog product
Enhanced Product - Supports Defense, Aerospace and Medical Applications
PACKAGE OPTION ADDENDUM
www.ti.com
18-Dec-2009
Addendum-Page 1


Số phần tương tự - SN74ABT541B-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT541B-Q1 TI1-SN74ABT541B-Q1 Datasheet
729Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ABT541B-Q1 TI1-SN74ABT541B-Q1_16 Datasheet
729Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - SN74ABT541B-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com