công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABT244A-EP bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74ABT244A-EP
Giải thích chi tiết về linh kiện  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT244A-EP bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SN74ABT244A-EP Datasheet HTML 1Page - Texas Instruments SN74ABT244A-EP Datasheet HTML 2Page - Texas Instruments SN74ABT244A-EP Datasheet HTML 3Page - Texas Instruments SN74ABT244A-EP Datasheet HTML 4Page - Texas Instruments SN74ABT244A-EP Datasheet HTML 5Page - Texas Instruments SN74ABT244A-EP Datasheet HTML 6Page - Texas Instruments SN74ABT244A-EP Datasheet HTML 7Page - Texas Instruments SN74ABT244A-EP Datasheet HTML 8Page - Texas Instruments SN74ABT244A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.ti.com
Electrical Characteristics
(1)
Switching Characteristics
SN74ABT244A-EP
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SGBS312A – JULY 2006 – REVISED JULY 2006
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
MIN
TYP(2)
MAX
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
VCC = 4.5 V,
IOH = –3 mA
2.5
2.5
VOH
VCC = 5 V,
IOH = –3 mA
3
3
V
VCC = 4.5 V,
IOH = –24 mA
2
2
VOL
VCC = 4.5 V,
IOL = 48 mA
0.55
0.55
V
Vhys
100
mV
II
VCC = 5.5 V,
VI = VCC or GND
±1
±1
µA
IOZH
VCC = 5.5 V,
VO = 2.7 V
10
10
µA
IOZL
VCC = 5.5 V,
VO = 0.5 V
–10
–10
µA
Ioff
VCC = 0,
VI or VO ≤ 5.5 V
±100
µA
ICEX
VCC = 5.5 V,
Outputs high
50
50
µA
IO(3)
VCC = 5.5 V,
VO = 2.5 V
–50
–100
–180
–50
–180
mA
Outputs high
1
250
250
µA
VCC = 5.5 V, IO = 0,
ICC
Outputs low
24
30
30
mA
VI = VCC or GND
Outputs disabled
0.5
250
250
µA
VCC = 5.5 V,
Outputs enabled
1.5
1.5
Data inputs
One input at 3.4 V,
Outputs disabled
0.05
0.05
Other inputs at VCC or GND
∆I
CC
(4)
mA
VCC = 5.5 V, One input at 3.4 V,
Control inputs
1.5
1.5
Other inputs at VCC or GND
Ci
VI = 2.5 V or 0.5 V
3.5
pF
Co
VO = 2.5 V or 0.5 V
7.5
pF
(1)
On products compliant to MIL-PRF-38535, this parameter does not apply.
(2)
All typical values are at VCC = 5 V.
(3)
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
over recommended ranges of supply voltage and operating free-air temperature, C
L = 50 pF (unless otherwise noted)
(see Figure 1)
VCC = 5 V,
FROM
TO
TA = 25°C
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
tPLH
1
2.6
4.1
1
5.3
A
Y
ns
tPHL
1
2.9
4.2
1
5
tPZH
1.1
3.1
4.6
0.8
5.7
OE
Y
ns
tPZL
2.1
4.1
5.6
1.2
7.9
tPHZ
2.1
4.1
5.6
1.2
7.6
OE
Y
ns
tPLZ
1.5
3.7
5.6
1
7.9
4
Submit Documentation Feedback


Số phần tương tự - SN74ABT244A-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT244A-EP TI1-SN74ABT244A-EP Datasheet
1Mb / 35P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - SN74ABT244A-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com