công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

90-110MT.KPBF bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện 90-110MT.KPBF
Giải thích chi tiết về linh kiện  Three Phase Bridge (Power Modules), 90/110 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

90-110MT.KPBF bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  90-110MT.KPBF Datasheet HTML 1Page - Vishay Siliconix 90-110MT.KPBF Datasheet HTML 2Page - Vishay Siliconix 90-110MT.KPBF Datasheet HTML 3Page - Vishay Siliconix 90-110MT.KPBF Datasheet HTML 4Page - Vishay Siliconix 90-110MT.KPBF Datasheet HTML 5Page - Vishay Siliconix 90-110MT.KPBF Datasheet HTML 6Page - Vishay Siliconix 90-110MT.KPBF Datasheet HTML 7Page - Vishay Siliconix 90-110MT.KPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94352
2
Revision: 29-Apr-08
90-110MT.KPbF Series
Vishay High Power Products
Three Phase Bridge
(Power Modules), 90/110 A
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
90MT.K
110MT.K
UNITS
Maximum DC output current at case
temperature
IO
120° rect. conduction angle
90 (120)
110 (150)
A
90 (61)
90 (57)
°C
Maximum peak, one-cycle
forward, non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Initial
TJ = TJ maximum
770
950
A
t = 8.3 ms
810
1000
t = 10 ms
100 % VRRM
reapplied
650
800
t = 8.3 ms
680
840
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
3000
4500
A2s
t = 8.3 ms
2700
4100
t = 10 ms
100 % VRRM
reapplied
2100
3200
t = 8.3 ms
1900
2900
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
30 000
45 000
A2
√s
Low level value of
threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ maximum
0.89
0.81
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ maximum
1.05
0.99
Low level value of forward
slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ maximum
5.11
4.37
m
Ω
High level value of forward
slope resistance
rf2
(I >
π x I
F(AV)), TJ maximum
4.64
Maximum forward voltage drop
VFM
Ipk = 150 A, TJ = 25 °C
tp = 400 µs single junction
1.6
1.4
V
RMS isolation voltage
VISOL
TJ = 25 °C, all terminal shorted
f = 50 Hz, t = 1 s
4000
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
90MT.K
110MT.K
UNITS
Maximum junction operating and
storage temperature range
TJ, TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation per module
0.21
0.18
°C/W
DC operation per junction
1.26
1.07
120° rect. conduction angle per module
0.25
0.21
120° rect. conduction angle per junction
1.47
1.25
Maximum thermal resistance,
case to heatsink per module
RthCS
Mounting surface smooth, flat and greased
0.03
Mounting
torque ± 10 %
to heatsink
A mounting compound is recommended and
the torque should be rechecked after a period
of 3 hours to allow for the spread of the
compound. Lubricated threads.
4 to 6
Nm
to terminal
3 to 4
Approximate weight
176
g


Số phần tương tự - 90-110MT.KPBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Coilcraft lnc.
90-11 COILCRAFT-90-11 Datasheet
111Kb / 2P
   Axial Lead Chokes
More results

Mô tả tương tự - 90-110MT.KPBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
90MT80KPBF VISHAY-90MT80KPBF Datasheet
132Kb / 6P
   Three Phase Bridge (Power Modules), 90/110 A
Revision: 29-Apr-08
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V01 Datasheet
213Kb / 8P
   Three Phase Bridge (Power Modules), 90 A/110 A
01-Jan-2022
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V02 Datasheet
212Kb / 8P
   Three Phase Bridge (Power Modules), 90 A/110 A
01-Jan-2023
113MT160KS90PBF VISHAY-113MT160KS90PBF Datasheet
188Kb / 9P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
Revision: 13-Aug-08
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF Datasheet
226Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2022
VS-5MTKPBF VISHAY-VS-5MTKPBF Datasheet
228Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2019
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF_V01 Datasheet
233Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2023
VS-40MT160KPBF VISHAY-VS-40MT160KPBF Datasheet
113Kb / 5P
   Three Phase Bridge (Power Modules), 40 A
VS-301MT...C VISHAY-VS-301MT...C_V02 Datasheet
183Kb / 6P
   Three Phase Bridge, 300 A (Power Modules)
01-Jan-2023
VS-40MT160KPBF VISHAY-VS-40MT160KPBF_V02 Datasheet
113Kb / 5P
   Three Phase Bridge (Power Modules), 40 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com