công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1118IRUGT bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1118IRUGT
Giải thích chi tiết về linh kiện  Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1118IRUGT bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS1118IRUGT Datasheet HTML 1Page - Texas Instruments ADS1118IRUGT Datasheet HTML 2Page - Texas Instruments ADS1118IRUGT Datasheet HTML 3Page - Texas Instruments ADS1118IRUGT Datasheet HTML 4Page - Texas Instruments ADS1118IRUGT Datasheet HTML 5Page - Texas Instruments ADS1118IRUGT Datasheet HTML 6Page - Texas Instruments ADS1118IRUGT Datasheet HTML 7Page - Texas Instruments ADS1118IRUGT Datasheet HTML 8Page - Texas Instruments ADS1118IRUGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
ADS1118
www.ti.com
SBAS457B – OCTOBER 2010 – REVISED AUGUST 2012
ELECTRICAL CHARACTERISTICS
Maximum/minimum specifications at –40°C to +125°C, VDD = 3.3V, data rate = 8SPS, and full-scale (FS) = ±2.048V, unless
otherwise noted. Typical values are at +25°C, VDD = 3.3V, data rate = 8SPS, and full-scale (FS) = ±2.048V, unless otherwise
noted.
ADS1118
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage(1)
VIN = (AINP) – (AINN)
±4.096/PGA
V
Analog input voltage
AINP or AINN to GND
GND
VDD
V
Differential input impedance
See Table 1
FS = ±6.144V(1)
8
M
FS = ±4.096V(1), ±2.048V
6
M
Common-mode input impedance
FS = ±1.024V
3
M
FS = ±0.512V, ±0.256V
100
M
SYSTEM PERFORMANCE
Resolution
No missing codes
16
Bits
Data rate (DR)
8, 16, 32, 64, 128, 250, 475, 860
SPS
Data rate variation
All data rates
–10
10
%
Output noise
See Typical Characteristics
Integral nonlinearity
DR = 8SPS, FS = ±2.048V, best fit(2)
1
LSB
FS = ±2.048V, differential inputs
±0.1
±2
LSB
Offset error
FS = ±2.048V, single-ended inputs
±0.25
LSB
Offset drift
FS = ±2.048V
0.002
LSB/°C
Offset power-supply rejection
FS = ±2.048V, with dc supply variation
0.2
LSB/V
Gain error(3)
FS = ±2.048V at +25°C
0.01
0.15
%
FS = ±0.256V
7
ppm/°C
Gain drift(3)(4)
FS = ±2.048V
5
40
ppm/°C
FS = ±6.144V(1)
5
ppm/°C
Gain power-supply rejection
10
ppm/V
PGA gain match(3)
Match between any two PGA gains
0.01
0.1
%
Gain match
Match between any two inputs
0.01
0.1
%
Offset match
Match between any two inputs
0.6
LSB
At dc and FS = ±0.256V
105
dB
At dc and FS = ±2.048V
100
dB
Common-mode rejection
At dc and FS = ±6.144V(1)
90
dB
fCM = 60Hz, DR = 860SPS
105
dB
fCM = 50Hz, DR = 860SPS
105
dB
TEMPERATURE SENSOR
Temperature sensor range
–40
+125
°C
Temperature sensor resolution
0.03125
°C/LSB
0°C to +70°C
0.2
±0.5
°C
Temperature sensor accuracy
–40°C to +125°C
0.4
±1
°C
vs supply
0.03125
±0.25
°C/V
(1)
This parameter expresses the full-scale range of the ADC scaling. In no event should more than the smaller of VDD + 0.3V or 5.5V be
applied to this device.
(2)
Best fit INL covers 99% of full-scale.
(3)
Includes all errors from onboard PGA and reference.
(4)
Not production tested; ensured by characterization.
Copyright © 2010–2012, Texas Instruments Incorporated
3


Số phần tương tự - ADS1118IRUGT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1118IRUGT TI1-ADS1118IRUGT Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118IRUGT TI1-ADS1118IRUGT Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results

Mô tả tương tự - ADS1118IRUGT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1118 TI-ADS1118_13 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
logo
LAPIS Semiconductor Co....
ML620Q503H LAPIS-ML620Q503H Datasheet
903Kb / 35P
   Ultra Low Power 16-bit Microcontrolle
logo
List of Unclassifed Man...
ML620Q538 ETC2-ML620Q538 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
ML620Q546 ETC2-ML620Q546 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
LAPIS Semiconductor Co....
ML620Q503 LAPIS-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com