công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS1118IRUGR bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
ADS1118IRUGR bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 37 page ADS1118 SBAS457B – OCTOBER 2010 – REVISED AUGUST 2012 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the device product folder on www.ti.com. ABSOLUTE MAXIMUM RATINGS (1) ADS1118 UNIT VDD to GND –0.3 to +5.5 V Analog input current 100, momentary mA Analog input current 10, continuous mA Analog input voltage to GND –0.3 to VDD + 0.3 V DIN, DOUT/DRDY, SCLK, CS voltage to GND –0.3 to +5.5 V Human body model (HBM) ±4000 V JEDEC standard 22, test method A114-C.01, all pins ESD ratings Charged device model (CDM) ±1000 V JEDEC standard 22, test method C101, all pins Operating temperature range –40 to +125 °C Maximum junction temperature +150 °C Storage temperature range –60 to +150 °C (1) Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute maximum conditions for extended periods may affect device reliability. PRODUCT FAMILY INPUT CHANNELS RESOLUTION MAXIMUM SAMPLE SPECIAL (Differential/ DEVICE (Bits) RATE (SPS) FEATURES PGA INTERFACE Single-Ended) ADS1118 16 860 Temperature sensor Yes SPI 2/4 ADS1018 12 3300 Temperature sensor Yes SPI 2/4 ADS1115 16 860 Comparator Yes I2C 2/4 ADS1114 16 860 Comparator Yes I2C 1/1 ADS1113 16 860 None No I2C 1/1 ADS1015 12 3300 Comparator Yes I2C 2/4 ADS1014 12 3300 Comparator Yes I2C 1/1 ADS1013 12 3300 None No I2C 1/1 2 Copyright © 2010–2012, Texas Instruments Incorporated |
Số phần tương tự - ADS1118IRUGR |
|
Mô tả tương tự - ADS1118IRUGR |