công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMB137C bảng dữ liệu(PDF) 1 Page - Summit Microelectronics, Inc.

tên linh kiện SMB137C
Giải thích chi tiết về linh kiện  Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath Manager,TurboChargeTM Mode, Low Battery Recovery, AICLand USB OTG/HDMI/MHL Support
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUMMIT [Summit Microelectronics, Inc.]
Trang chủ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB137C bảng dữ liệu(HTML) 1 Page - Summit Microelectronics, Inc.

  SMB137C Datasheet HTML 1Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMB137C
© SUMMIT Microelectronics, Inc. 2012 • 757 N. Mary • Sunnyvale CA 94085 • Phone 408 523-1000 • FAX 408 523-1266
http://www.summitmicro.com/
2156 3.0 4/17/2012
1
Programmable Switching Li+ Battery Charger with USB/AC Input, CurrentPath™ Manager,
TurboCharge
TM Mode*, Low Battery Recovery*, AICL* and USB OTG/HDMI/MHL Support
INTRODUCTION
FEATURES
 Automatic Input Current Limit for universal USB/AC/DC
adapter compatibility*
 Optional automatic power source detection per latest
USB charging specification 1.2
 USB or AC input with automatic input selection and
programmable input current limiting (USB2.0 compliant)
 Up to 750mA charging output from 500mA USB port or
1500mA from AC adapter using proprietary
“TurboCharge
TM Mode”
 Input/output CurrentPath™ control allows system
operation with deeply discharged/missing battery – no
start-up delay
 “Low Battery Recovery” mode for >500mA startup from
100mA USB port with deeply discharged cells – no
start-up delay*
 USB OTG, HDMI, MHL power support (up to 500mA @
+5V)
 Hardware programmable support for JEITA
 High-efficiency step-down regulator with 3MHz
switching
 +4.35 to +6.0V input voltage range
 +18V input tolerance (non-operating)
 High-accuracy float voltage regulation: 1.0%
 Digital programming of major parameters via I2C
interface*
 Comprehensive protection features
Tiny CSP-30 package
APPLICATIONS
 Smartphones
 Tablet PCs
 Portable Media Players
 Perfect Companion for MSM Chipsets
The
SMB137C
is
a
programmable
single-cell
lithium-
ion/lithium-polymer battery charger designed for a variety of
portable applications. Unlike conventional charging devices,
the
SMB137C’s
high-efficiency
switch-mode
operation
eliminates the low charge current and thermal problems of
conventional linear solutions. In addition, the switching
architecture in conjunction with programmability enables
dramatically faster charging – TurboCharge™ mode - from
current limited inputs such as USB.
The SMB137C can switch between USB mode and AC
Adapter mode and works seamlessly in conjunction with a
USB
controller.
The
device
can
manage
two
outputs
independently: battery charging and system power.
This
allows immediate system operation even under missing/deeply
discharged battery conditions. The SMB137C can also run its
switching regulator in reverse to support “Low Battery
Recovery” mode (+4.17V @ 500mA) or USB “On the Go” and
HDMI/MHL power (+5.0V @ 500mA).
Charge
control
includes
input
current
limit
(supporting
USB2.0), trickle charge, pre-charge, constant current/constant
voltage, float voltage and termination/safety settings that are
fully programmable via a serial I
2C/SMBus and stored in non-
volatile memory making the device truly a flexible solution.
The SMB137C also offers a wide variety of features that
protect the battery pack as well as the charger and input
circuitry:
over-current,
under/over-voltage,
safety
timers,
charge
current/float
voltage
compensation
and
thermal
protection.
Status can be monitored via the serial port for
charge state and fault conditions. In addition, the STAT output
can be used to signal charge status while the SYSOK output
can be used as a System OK indicator. Operating voltage is
specified from +4.35V to +6.0V with +18V non-operating input
tolerance.
The SMB137C is available in an ultra-compact
CSP-30 package and is rated over the -30C to +85C
temperature range.
Figure 1 – SYSTEM APPLICATION
FEATURES & APPLICATIONS
Handheld Device
USB2.0
500mA
4.35V-5.5V
USB Charger
up to 1500mA
4.5V-6.0V (18V OVP)
I2C (optional)
SMB137C
Li- Ion
Charging Current
up to 1500mA
USB
System Output
up to 1500mA
USB-OTG/
HDMI/MHL
5.0V @ 500mA
AC/DC Adapter
up to 1500mA
4.5V-6.0V
(18V OVP)
OTG/LBR/HDMI/MHL
750mA
AC/DC Input
700-1500mA
USB Input
100/500/700-1500mA
"Ideal Diode"
Current
Total Sys. Output
>1500mA
LBR Output
4.17V @ 500mA
Using the SMB137C to charge a single cell Li+ battery from USB or AC Adapter power sources
*Patent Granted or Pending


Số phần tương tự - SMB137C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Summit Microelectronics...
SMB137B SUMMIT-SMB137B Datasheet
152Kb / 1P
   Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
More results

Mô tả tương tự - SMB137C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Summit Microelectronics...
SMB136 SUMMIT-SMB136 Datasheet
149Kb / 1P
   Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
SMB137B SUMMIT-SMB137B Datasheet
152Kb / 1P
   Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
SMB138 SUMMIT-SMB138 Datasheet
412Kb / 2P
   Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge
SMB135 SUMMIT-SMB135_08 Datasheet
623Kb / 34P
   Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge Mode
SMB135 SUMMIT-SMB135 Datasheet
174Kb / 1P
   Programmable, USB/AC, Switch-Mode Battery Charger
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
Linear Technology
LTC4155EUFD LINER-LTC4155EUFD Datasheet
981Kb / 8P
   Dual Input Power Manager/3.5A Li-Ion Battery Charger with I2C Control and USB OTG
LTC4155 LINER-LTC4155_15 Datasheet
396Kb / 52P
   Dual-Input Power Manager/ 3.5A Li-Ion Battery Charger with I2C Control and USB OTG
logo
Microsemi Corporation
LX2201 MICROSEMI-LX2201 Datasheet
172Kb / 11P
   USB Li-Ion Battery Charger
logo
Monolithic Power System...
MP26056 MPS-MP26056 Datasheet
396Kb / 11P
   28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input