công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EZPE1B306MTA bảng dữ liệu(PDF) 2 Page - Panasonic Semiconductor

tên linh kiện EZPE1B306MTA
Giải thích chi tiết về linh kiện  Metallized Polypropylene Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZPE1B306MTA bảng dữ liệu(HTML) 2 Page - Panasonic Semiconductor

  EZPE1B306MTA Datasheet HTML 1Page - Panasonic Semiconductor EZPE1B306MTA Datasheet HTML 2Page - Panasonic Semiconductor EZPE1B306MTA Datasheet HTML 3Page - Panasonic Semiconductor EZPE1B306MTA Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Plastic Film Capacitors
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Dimensions in mm (not to scale)
Rating, Dimensions & Quantity / Ammo Box
Type EZPE Rated voltage : 1100 VDC at 70
( 920VDC at 85
)
Dimensions [mm]
Permissible current
Part Number
CR
[ F]
W
H
L
P1
P2
dv/dt
[V/ s]
Peak
Current
[Ao-p]
( *1 )
RMS
Current
[Arms]
( *2 )
ESRtyp
[m ]
( *3 )
tan
[%]
( *4 )
Mass
[g]
MOQ
[pcs]
( *5 )
EZPE1B106MTA
10
20
42
41.5
37.5
10.2
1.2
54
540
7.0
12.3
0.20
43
600
EZPE1B156MTA
15
30
51
41.5
37.5
10.2
1.2
54
810
8.5
8.2
0.20
80
400
EZPE1B206MTA
20
30
51
41.5
37.5
20.3
1.2
54
1080
10.0
6.3
0.20
76
400
EZPE1B256MTA
25
30
51
57.5
52.5
10.2
1.2
35
875
8.0
10.7
0.28
107
200
EZPE1B306MTA
30
30
51
57.5
52.5
20.3
1.2
35
1050
9.0
8.5
0.28
103
200
EZPE1B356MTA
35
35
56
57.5
52.5
20.3
1.2
35
1225
10.0
7.2
0.28
137
200
EZPE1B406MTA
40
35
56
57.5
52.5
20.3
1.2
35
1400
11.0
6.5
0.28
134
200
*1 : When rising temperature of capacitor surface by continuous peak current (included pulse current),
use within limit specified for temperature of capacitor surface and self heating temperature rise.
*2 : Maximum RMS current @ 70
, 10 kHz
Use within limit for self heating temperature rise at capacitor surface.
*3 : Typical values @ 20 , 10 kHz
ESR : less than 2.5 × ESRtyp
*4 : Maximum dissipation factor @20 , 1 kHz
*5 : Minimum order quantity consists of 4 packing units.
(a) Rated voltage
(b) Capacitance
(c) Lot No.
( a )
( b )
( c )


Số phần tương tự - EZPE1B306MTA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
EZPE1B306MTA PANASONIC-EZPE1B306MTA Datasheet
75Kb / 3P
   Plastic Film Capacitors
More results

Mô tả tương tự - EZPE1B306MTA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com