công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A23157TDGSRQ1 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS5A23157TDGSRQ1
Giải thích chi tiết về linh kiện  DUAL 15-W SPDT ANALOG SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A23157TDGSRQ1 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TS5A23157TDGSRQ1 Datasheet HTML 5Page - Texas Instruments TS5A23157TDGSRQ1 Datasheet HTML 6Page - Texas Instruments TS5A23157TDGSRQ1 Datasheet HTML 7Page - Texas Instruments TS5A23157TDGSRQ1 Datasheet HTML 8Page - Texas Instruments TS5A23157TDGSRQ1 Datasheet HTML 9Page - Texas Instruments TS5A23157TDGSRQ1 Datasheet HTML 10Page - Texas Instruments TS5A23157TDGSRQ1 Datasheet HTML 11Page - Texas Instruments TS5A23157TDGSRQ1 Datasheet HTML 12Page - Texas Instruments TS5A23157TDGSRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.ti.com
TS5A23157-Q1
DUAL 15-
Ω SPDT ANALOG SWITCH
SCDS252 – JULY 2007
PIN DESCRIPTION
PIN NO.
NAME
DESCRIPTION
1
IN1
Digital control to connect COM to NO or NC
2
NO1
Normally open
3
GND
Digital ground
4
NO2
Normally open
5
IN2
Digital control to connect COM to NO or NC
6
COM2
Common
7
NC2
Normally closed
8
V+
Power supply
9
NC1
Normally closed
10
COM1
Common
PARAMETER DESCRIPTION
SYMBOL
DESCRIPTION
VCOM
Voltage at COM
VNC
Voltage at NC
VNO
Voltage at NO
ron
Resistance between COM and NC or COM and NO ports when the channel is ON
Δron
Difference of ron between channels
ron(flat)
Difference between the maximum and minimum value of ron in a channel over the specified range of conditions
Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the OFF state under
INC(OFF)
worst-case input and output conditions
Leakage current measured at the NO port, with the corresponding channel (NO to COM) in the OFF state under
INO(OFF)
worst-case input and output conditions
Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the ON state and the output
INC(ON)
(COM) being open
Leakage current measured at the NO port, with the corresponding channel (NO to COM) in the ON state and the output
INO(ON)
(COM) being open
Leakage current measured at the COM port, with the corresponding channel (NO to COM or NC to COM) in the ON
ICOM(ON)
state and the output (NC or NO) being open
VIH
Minimum input voltage for logic high for the control input (IN)
VIL
Minimum input voltage for logic low for the control input (IN)
VIN
Voltage at IN
IIH, IIL
Leakage current measured at IN
Turn-on time for the switch. This parameter is measured under the specified range of conditions and by the propagation
tON
delay between the digital control (IN) signal and analog outputs (COM/NC/NO) signal when the switch is turning ON.
Turn-off time for the switch. This parameter is measured under the specified range of conditions and by the propagation
tOFF
delay between the digital control (IN) signal and analog outputs (COM/NC/NO) signal when the switch is turning OFF.
Break-before-make time. This parameter is measured under the specified range of conditions and by the propagation
tBBM
delay between the output of two adjacent analog channels (NC and NO) when the control signal changes state.
Charge injection is a measurement of unwanted signal coupling from the control (IN) input to the analog (NC, NO, or
COM) output. This is measured in coulombs (C) and measured by the total charge induced due to switching of the
QC
control input. Charge injection, QC = CL× ΔVO, CL is the load capacitance and ΔVO is the change in analog output
voltage.
CNC(OFF)
Capacitance at the NC port when the corresponding channel (NC to COM) is OFF
CNO(OFF)
Capacitance at the NO port when the corresponding channel (NC to COM) is OFF
CNC(ON)
Capacitance at the NC port when the corresponding channel (NC to COM) is ON
CNO(ON)
Capacitance at the NO port when the corresponding channel (NC to COM) is ON
CCOM(ON)
Capacitance at the COM port when the corresponding channel (COM to NC or COM to NO) is ON
CIN
Capacitance of IN
9
Submit Documentation Feedback


Số phần tương tự - TS5A23157TDGSRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A23157TDGSRQ1 TI1-TS5A23157TDGSRQ1 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
More results

Mô tả tương tự - TS5A23157TDGSRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A23157-Q1 TI-TS5A23157-Q1_15 Datasheet
747Kb / 20P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI1-TS5A3159-EP_14 Datasheet
876Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP_15 Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com