công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST29LE010-200-4I-UH bảng dữ liệu(PDF) 10 Page - Silicon Storage Technology, Inc

tên linh kiện SST29LE010-200-4I-UH
Giải thích chi tiết về linh kiện  1 Mbit (128K x8) Page-Mode EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SST [Silicon Storage Technology, Inc]
Trang chủ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29LE010-200-4I-UH bảng dữ liệu(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST29LE010-200-4I-UH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29LE010-200-4I-UH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29LE010-200-4I-UH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29LE010-200-4I-UH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29LE010-200-4I-UH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29LE010-200-4I-UH Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29LE010-200-4I-UH Datasheet HTML 12Page - Silicon Storage Technology, Inc SST29LE010-200-4I-UH Datasheet HTML 13Page - Silicon Storage Technology, Inc SST29LE010-200-4I-UH Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
Data Sheet
1 Mbit Page-Mode EEPROM
SST29EE010 / SST29LE010 / SST29VE010
©2001 Silicon Storage Technology, Inc.
S71061-07-000
6/01
304
AC CHARACTERISTICS
TABLE 10: READ CYCLE TIMING PARAMETERS FOR SST29EE010
Symbol
Parameter
SST29EE010-70
SST29EE010-90
Units
MinMax
MinMax
TRC
Read Cycle Time
70
90
ns
TCE
Chip Enable Access Time
70
90
ns
TAA
Address Access Time
70
90
ns
TOE
Output Enable Access Time
30
40
ns
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
0
ns
TOLZ1
OE# Low to Active Output
0
0
ns
TCHZ1
CE# High to High-Z Output
20
30
ns
TOHZ1
OE# High to High-Z Output
20
30
ns
TOH1
Output Hold from Address Change
0
0
ns
T10.2 304
TABLE 11: READ CYCLE TIMING PARAMETERS FOR SST29LE010
Symbol
Parameter
SST29LE010-150
SST29LE010-200
Units
MinMax
MinMax
TRC
Read Cycle Time
150
200
ns
TCE
Chip Enable Access Time
150
200
ns
TAA
Address Access Time
150
200
ns
TOE
Output Enable Access Time
60
100
ns
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
0
ns
TOLZ1
OE# Low to Active Output
0
0
ns
TCHZ1
CE# High to High-Z Output
30
50
ns
TOHZ1
OE# High to High-Z Output
30
50
ns
TOH1
Output Hold from Address Change
0
0
ns
T11.1 304
TABLE 12: READ CYCLE TIMING PARAMETERS FOR SST29VE010
Symbol
Parameter
SST29VE010-200
SST29VE010-250
Units
MinMax
MinMax
TRC
Read Cycle Time
200
250
ns
TCE
Chip Enable Access Time
200
250
ns
TAA
Address Access Time
200
250
ns
TOE
Output Enable Access Time
100
120
ns
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
0
ns
TOLZ1
OE# Low to Active Output
0
0
ns
TCHZ1
CE# High to High-Z Output
50
50
ns
TOHZ1
OE# High to High-Z Output
50
50
ns
TOH1
Output Hold from Address Change
0
0
ns
T12.1 304


Số phần tương tự - SST29LE010-200-4I-UH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST29LE010-200-4I-UH SST-SST29LE010-200-4I-UH Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010-200-4I-UH SST-SST29LE010-200-4I-UH Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
More results

Mô tả tương tự - SST29LE010-200-4I-UH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29EE020 SST-SST29EE020 Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28SF040A SST-SST28SF040A_03 Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com