công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV358TSG-7 bảng dữ liệu(PDF) 2 Page - Diodes Incorporated |
|
LMV358TSG-7 bảng dữ liệu(HTML) 2 Page - Diodes Incorporated |
2 / 16 page LMV321/LMV358/LMV324 GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS LMV321/358/324 Document number: DS33196 Rev. 6 - 2 2 of 16 www.diodes.com February 2011 © Diodes Incorporated Absolute Maximum Ratings (Note 2) Symbol Description Rating Unit ESD HBM Human Body Model ESD Protection LMV321 4.0 KV LMV358 4.0 LMV324 4.5 ESD MM Machine Model ESD Protection LMV321 350 V LMV358 350 LMV324 250 Differential Input Voltage ±Supply Voltage V V + -V- Supply Voltage 5.5 V Output Short Circuit to V + (Note 3) Output Short Circuit to V - (Note 4) TST Storage Temperature -65 to 150 °C TJ Maximum Junction Temperature 150 °C Notes: 2. Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics. 3. Shorting output to V+ will adversely affect reliability. 4. Shorting output to V- will adversely affect reliability. Recommended Operating Conditions Symbol Description Rating Unit V + -V- Supply Voltage 2.7 to 5.5 V TA Operating Ambient Temperature Range -40 to +85 °C |
Số phần tương tự - LMV358TSG-7 |
|
Mô tả tương tự - LMV358TSG-7 |