công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST29LE010-70-4I-EH bảng dữ liệu(PDF) 4 Page - Silicon Storage Technology, Inc |
|
SST29LE010-70-4I-EH bảng dữ liệu(HTML) 4 Page - Silicon Storage Technology, Inc |
4 / 26 page 4 Data Sheet 1 Mbit Page-Mode EEPROM SST29EE010 / SST29LE010 / SST29VE010 ©2001 Silicon Storage Technology, Inc. S71061-07-000 6/01 304 Product Identification The product identification mode identifies the device as the SST29EE/LE/VE010 and manufacturer as SST. This mode is accessed via software. For details, see Table 4, Figure 11 for the software ID entry and read timing diagram and Figure 18, for the ID entry command sequence flowchart. Product Identification Mode Exit In order to return to the standard read mode, the Software Product Identification mode must be exited. Exiting is accomplished by issuing the Software ID Exit (reset) opera- tion, which returns the device to the Read operation. The Reset operation may also be used to reset the device to the Read mode after an inadvertent transient condition that apparently causes the device to behave abnormally, e.g., not read correctly. See Table 4 for software command codes, Figure 12 for timing waveform, and Figure 18 for a flowchart. FIGURE 1: PIN ASSIGNMENTS FOR 32-LEAD PLCC TABLE 1: PRODUCT IDENTIFICATION Address Data Manufacturer’s ID 0000H BFH Device ID SST29EE010 0001H 07H SST29LE010 0001H 08H SST29VE010 0001H 08H T1.3 304 Y-Decoder and Page Latches I/O Buffers and Data Latches 304 ILL B1.1 Address Buffer & Latches X-Decoder DQ7 - DQ0 A16 - A0 WE# OE# CE# SuperFlash Memory Control Logic FUNCTIONAL BLOCK DIAGRAM 5 6 7 8 9 10 11 12 13 29 28 27 26 25 24 23 22 21 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 A14 A13 A8 A9 A11 OE# A10 CE# DQ7 4 3 2 1 32 31 30 32-lead PLCC Top View 304 ILL F02.3 14 15 16 17 18 19 20 |
Số phần tương tự - SST29LE010-70-4I-EH |
|
Mô tả tương tự - SST29LE010-70-4I-EH |