công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LS01-15B05S bảng dữ liệu(PDF) 2 Page - MORNSUN Science& Technology Ltd. |
|
LS01-15B05S bảng dữ liệu(HTML) 2 Page - MORNSUN Science& Technology Ltd. |
2 / 4 page The copyright and authority for the interpretation of the products are reserved by MORNSUN Specifications subject to change without notice. LS01 series A/0-2012 Page 2 of 4 COMMON SPECIFICATIONS Operating -40℃~+85℃ (55~85) ℃ 1.33%/ ℃ Power derating (-40℃~-20) ℃ 2%/ ℃ Storage -40℃~+105℃ Temperature ranges The Max. Case Temperature +90℃ (Max.) Humidity 85% (Max.) Temperature coefficient 0.1%/℃ Switching frequency Variational Frequency 50KHz (Max.) I/O-isolation voltage Input and Output 3000VAC/1Min CISPR22/EN55022 CLASS A(External Circuit Refer to Figure 1) CE CISPR22/EN55022 CLASS B(External Circuit Refer to Figure 3) CISPR22/EN55022 CLASS A(External Circuit Refer to Figure 1) EMI RE CISPR22/EN55022 CLASS B(External Circuit Refer to Figure 3) ESD IEC/EN61000-4-2 Contact ±4KV perf. Criteria B RS IEC/EN61000-4-3 10V/m perf. Criteria A(External Circuit Refer to Figure 3) IEC/EN61000-4-4 ±2KV perf. Criteria B(External Circuit Refer to Figure 1) EFT IEC/EN61000-4-4 ±4KV perf. Criteria B(External Circuit Refer to Figure 3) Surge IEC/EN61000-4-5 ±2KV/±4KV perf. Criteria B(External Circuit Refer to Figure 3) CS IEC/EN61000-4-6 3 Vr.m.s perf. Criteria A(External Circuit Refer to Figure 3) PFM IEC/EN61000-4-8 10A/m perf. Criteria A EMC EMS Voltage dips、short and interruptions immunity IEC/EN61000-4-11 0%-70% perf. Criteria B Case material UL94V-0 Install PCB MTBF >300,000h @25℃ Note: 1. External electrolytic capacitor are required to models when AC input, more details refer to typical applications. 2. Ripple and Noise were measured by the method of anear measure (more details refer to the anear measure). 3. All specifications measured at Ta=25 °C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 4. In this datasheet, all the test methods of indications are based on corporate standards. ANEAR MEASURE Copper sheet Load Connect Oscillograph Probe FUSE L N Note: C1: 1 µF (Ceramic capacitor) C2: 10µF (Electrolytic capacitor) PRODUCT TYPICAL CURVE Input Voltage VS Load 40 100 60 80 Load(%) 100 340 400 70 Vdc 110 240 264 85 Vac Temperature VS Load 40 100 60 80 Load(%) Temperature( ) ℃ -20 55 85 -40 |
Số phần tương tự - LS01-15B05S |
|
Mô tả tương tự - LS01-15B05S |