công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB05-10D0505-01 bảng dữ liệu(PDF) 2 Page - MORNSUN Science& Technology Ltd.

tên linh kiện LB05-10D0505-01
Giải thích chi tiết về linh kiện  LB series ---- is a compact size power converter offered by Mornsun.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MORNSUN [MORNSUN Science& Technology Ltd.]
Trang chủ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB05-10D0505-01 bảng dữ liệu(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LB05-10D0505-01 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LB05-10D0505-01 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB05-10D0505-01 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB05-10D0505-01 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB05-10D0505-01 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB05-10D0505-01 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LB03-15
A/3-2012
Page 2 of 6
INPUT SPECIFICATIONS
Input voltage range
85~264VAC ,120~370VDC
Input frequency
47~63Hz
Input current
LB03 models
LB05models
LB10 models
LB15 models
110VAC
60mA (typ)
100mA (typ)
200mA (typ)
280mA (typ)
230VAC
30mA (typ)
60mA (typ)
100mA (typ)
150mA (typ)
Inrush current
LB03/05 models
LB10/15 models
110VAC
10A (typ)
10A (typ)
230VAC
20A (typ)
30A (typ)
Leakage current
0.3mA RMS typ. 230VAC/50Hz
Recommended External Input Fuse
(Special package series include fuse)
LB03/05 models
LB10/15 models
1A/250V
2A/250V
slow blow
slow blow
OUTPUT SPECIFICATIONS
Voltage set accuracy
±2%(main out)
Input variation
±0.5%(main out) ±1.5%(others)
Load variation (10%-100%)
(symmetric load)
(symmetric load)
Single output models
Dual output models
Isolation & twin output
±1%
±2%
±3%(main out) ±5%(others)
Minimum load
Single output models
Dual output models
Isolation & twin output
0%
10% (main out)
10% (main out)
Ripple& noise(p-p)
20MHz Bandwidth
50mV (typ)
100mV (max)
Short circuit protection
Continuous, and auto resume
Over current protection
≥110% IO
Over
output
voltage
protection
3.3 / 5VDC output
9VDC output
12 / 15VDC output
24VDC output
48VDC output
≤6.5VDC
≤12VDC
≤20VDC
≤30VDC
≤60VDC
COMMON SPECIFICATIONS
Operating
-40
°C ~ +70°C
Power derating (above 55
°C)
3.75% /
°C
Storage
-40
°C ~ +105°C
Temperature ranges
Case temperature
+90
°C max
Hold-up time
(Vin:230VAC)
80ms(typ.)
Humidity
85% (max.)
Temperature coefficient
0.02% /
°C (main out) 0.15% /°C(others)
Switching frequency
60KHz (typ)
I/O-isolation voltage
3000VAC/1Min
RE
CISPR22/EN55022
CLASS B
EMI
CE
CISPR22/EN55022
CLASS B
ESD
IEC/EN61000-4-2
Contact ±6KV / Air±8KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
IEC/EN61000-4-4
±2KV(without external circuit)
perf. Criteria B
EFT
IEC/EN61000-4-4
±4KV(with external circuit 5/ circuit 6)
perf. Criteria B
IEC/EN61000-4-5
±1KV/±2KV (without external circuit)
perf. Criteria B
Surge
IEC/EN61000-4-5
±2KV/±4KV (with external circuit 5/ circuit 6)
perf. Criteria B
CS
IEC/EN61000-4-6
10 Vr.m.s
perf. Criteria A
PFM
IEC/EN61000-4-8
10A/m
perf. Criteria A
EMC
EMS
Voltage dips、short and
interruptions immunity
IEC/EN61000-4-11
0%-70%
perf. Criteria B
Safety standards
IEC60950,EN60950,UL60950
Safety approvals
EN60950,UL60950
LB10-10BXX
CLASSⅡ
Safety Class
Others
CLASSⅠ


Số phần tương tự - LB05-10D0505-01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
LB05-10D0505-01 MORNSUN-LB05-10D0505-01 Datasheet
220Kb / 10P
   AC-DC CONVERTER
More results

Mô tả tương tự - LB05-10D0505-01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
LH10-10B24A2 MORNSUN-LH10-10B24A2 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LD10-20B24A2 MORNSUN-LD10-20B24A2 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
LD12-20B12A2 MORNSUN-LD12-20B12A2 Datasheet
543Kb / 5P
   LD12 series ----- are the 12W compact size power converter offered by Mornsun.
LO10-00B24E MORNSUN-LO10-00B24E Datasheet
242Kb / 4P
   LO10 series -- is a open frame switching power supply offered by MORNSUN.
LH10-10B12ER2A2 MORNSUN-LH10-10B12ER2A2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
logo
Cherry Semiconductor Co...
JK-0700 CHERRY-JK-0700 Datasheet
88Kb / 2P
   CHERRY JK-0700 is advanced CHERRY technology in a compact size
logo
TOKYO SEIMITSU CO., LTD
OPT-MEASURE ACCRETECH-OPT-MEASURE Datasheet
454Kb / 1P
   Texture, contour and hybrid. Unprecedented scalability offered by one machine
logo
MORNSUN Science& Techno...
LS01-15B15S MORNSUN-LS01-15B15S Datasheet
412Kb / 4P
   LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
logo
Communications & Power ...
3CPX800A7 CPI-3CPX800A7 Datasheet
104Kb / 1P
   The 3CPX800A7 is a compact high-mu power
logo
Littelfuse
K2000YH LITTELFUSE-K2000YH Datasheet
247Kb / 10P
   It is offered in a DO-15 and TO-92 leaded packages
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com