công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LD10-20B24 bảng dữ liệu(PDF) 1 Page - MORNSUN Science& Technology Ltd.

tên linh kiện LD10-20B24
Giải thích chi tiết về linh kiện  LD10 series ----is a compact size power converter offered by Mornsun.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MORNSUN [MORNSUN Science& Technology Ltd.]
Trang chủ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD10-20B24 bảng dữ liệu(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LD10-20B24 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD10-20B24 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD10-20B24 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD10-20B24 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LD10-20BXX
A/3-2012
Page1 of 4
Approval
Model
Package
Power
Output
(Vo1/Io1)
Ripple and Noise
(typ)
Efficiency
(%)(typ)
Standby Power
(typ)
LD10-20B03
6.6W
3.3V/2000mA
70
0.4W
LD10-20B05
5V/2000mA
74
0.4W
LD10-20B09
9V/1100mA
76
0.45W
LD10-20B12
12V/900mA
76
0.4W
LD10-20B15
15V/700mA
78
0.5W
UL/CE
LD10-20B24
53.8X28.8X19.0mm
10W
24V/450mA
50mV
80
0.6W
INPUT SPECIFICATIONS
Input Voltage Range
85~264VAC,
120~370VDC
Input Frequency
47~440Hz
Input Current
110VAC
230mA, typ
230VAC
150mA, typ
Inrush Current
110VAC
10A, typ
230VAC
20A, typ
Leakage Current
0.1mA
(typ)@ Vin=230Vac
Recommended External Input Fuse
(Special package series include fuse)
2A/250V
Slow-Blow
OUTPUT SPECIFICATIONS
Voltage set accuracy
±2% (3.3V: ±3%)
Input variation
±0.5% (typ)
Load variation (10% to 100%)
±1% (typ)
Ripple& noise(p-p)
20MHz Bandwidth
50mV(typ)
100mV (max)
Short circuit protection
Continuous, and auto resume
Over current protection
≥110% IO
LD10-20B03
8000
LD10-20B05
8000
LD10-20B09
560
LD10-20B12
1200
LD10-20B15
1000
Maximum capacitive load (
µF)
LD10-20B24
200
LD10 SERIES
10W, AC-DC CONVERTER
LD10 series ----is a compact size power converter offered by Mornsun. It
features universal input voltage, taking both DC and AC input voltage, low
power consumption, high efficiency, high reliability, safer isolation. It offers
good EMC performance, meets IEC/EN61000-4, CISPR22/EN55022 ,
UL60950 and EN60601 standards, and widely used in industrial, medical,
electricity, instruments, telecommunication and civil applications. For harsh
EMC environment, this series of products must use the refered application
circuit.
RoHS
E235235
PRODUCT FEATURES
1. Universal input :85 ~ 264VAC/120~370VDC
2. AC and DC dual-use(input from the same terminal)
3. High efficiency, high power density
4.Output over voltage, short circuit and over temperature protection
5. Low ripple and noise
6. Low loss, green power
7. Meet UL60950 and EN60601 standards
8. Industrial, medical level specifications
9.Mounting:
PCB
mounting,
Chassis
mounting
with
Screw
Terminals, DIN-Rail mounting
PART NUMBER SYSTEM
LD10-20B24A2
SELECTION GUIDE


Số phần tương tự - LD10-20B24

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
LD10-20B24 MORNSUN-LD10-20B24 Datasheet
2Mb / 6P
   10W, AC/DC converter
More results

Mô tả tương tự - LD10-20B24

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
LH10-10B24A2 MORNSUN-LH10-10B24A2 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LB10-10B24A2 MORNSUN-LB10-10B24A2 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LD12-20B12A2 MORNSUN-LD12-20B12A2 Datasheet
543Kb / 5P
   LD12 series ----- are the 12W compact size power converter offered by Mornsun.
LO10-00B24E MORNSUN-LO10-00B24E Datasheet
242Kb / 4P
   LO10 series -- is a open frame switching power supply offered by MORNSUN.
LH10-10B12ER2A2 MORNSUN-LH10-10B12ER2A2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
logo
Cherry Semiconductor Co...
JK-0700 CHERRY-JK-0700 Datasheet
88Kb / 2P
   CHERRY JK-0700 is advanced CHERRY technology in a compact size
logo
TOKYO SEIMITSU CO., LTD
OPT-MEASURE ACCRETECH-OPT-MEASURE Datasheet
454Kb / 1P
   Texture, contour and hybrid. Unprecedented scalability offered by one machine
logo
MORNSUN Science& Techno...
LS01-15B15S MORNSUN-LS01-15B15S Datasheet
412Kb / 4P
   LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
logo
Communications & Power ...
3CPX800A7 CPI-3CPX800A7 Datasheet
104Kb / 1P
   The 3CPX800A7 is a compact high-mu power
logo
Littelfuse
K2000YH LITTELFUSE-K2000YH Datasheet
247Kb / 10P
   It is offered in a DO-15 and TO-92 leaded packages
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com