công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMZ82 bảng dữ liệu(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
SMZ82 bảng dữ liệu(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
1 / 2 page Complete Voltage Range 1 to 200 Volts High peak reverse power dissipation High reliability Low leakage current Case : MELF Molded plastic Epoxy : UL94V-O rate flame retardant Lead : Lead formed for Surface mount Polarity : Color band denotes cathode end Mounting position : Any Weight : 0.1296 grams MAXIMUM RATINGS Rating at 25 °C ambient temperature unless otherwise specified Rating Symbol Value Unit DC Power Dissipation at TL = 75 °C (Note1) PD 2.0 W Maximum Forward Voltage at IF = 200 mA VF 1.2 V Junction Temperature Range TJ - 50 to + 150 °C Storage Temperature Range Ts - 50 to + 175 °C Note : (1) TL = Lead temperature at 5.0 mm 2 ( 0.013 mm thick ) copper land areas. 0 25 50 75 100 125 150 175 TL, LEAD TEMPERATURE ( °C) 0.5 1.0 1.5 2.0 2.5 Fig. 1 POWER TEMPERATURE DERATING CURVE 5.0 mm 2 ( 0.013 mm thick ) copper land areas. Pb / RoHS Free Features Mechanical Data Dimensions in inches and (millimeters) MELF VZ : 1 - 200 Volts PD : 2 Watts SMZ1-SMZ200 Surface mount Silicon-Zener Diodes |
Số phần tương tự - SMZ82 |
|
Mô tả tương tự - SMZ82 |