công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST29SF512-55-4C-WH bảng dữ liệu(PDF) 8 Page - Silicon Storage Technology, Inc

tên linh kiện SST29SF512-55-4C-WH
Giải thích chi tiết về linh kiện  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SST [Silicon Storage Technology, Inc]
Trang chủ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29SF512-55-4C-WH bảng dữ liệu(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST29SF512-55-4C-WH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29SF512-55-4C-WH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29SF512-55-4C-WH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29SF512-55-4C-WH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29SF512-55-4C-WH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29SF512-55-4C-WH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29SF512-55-4C-WH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29SF512-55-4C-WH Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29SF512-55-4C-WH Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
Preliminary Specifications
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Small-Sector Flash
SST29SF512 / SST29SF010 / SST29SF020 / SST29SF040
SST29VF512 / SST29VF010 / SST29VF020 / SST29VF040
©2001 Silicon Storage Technology, Inc.
S71160-05-000
5/01
505
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum
Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these conditions or conditions greater than those defined in the operational sections of this data
sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.)
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD + 0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to VDD + 1.0V
Voltage on A9 Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 13.2V
Package Power Dissipation Capability (Ta = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Through Hold Lead Soldering Temperature (10 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300°C
Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Outputs shorted for no more than one second. No more than one output shorted at a time.
OPERATING RANGE FOR SST29SF512/010/020/040
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
5V±10%
Industrial
-40°C to +85°C
5V±10%
OPERATING RANGE FOR SST29VF512/010/020/040
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
2.7-3.6V
Industrial
-40°C to +85°C
2.7-3.6V
AC CONDITIONS OF TEST
Input Rise/Fall Time . . . . . . . . . . . . . . 5 ns
Output Load . . . . . . . . . . . . . . . . . . . . . CL =
30 pF for 55 ns
Output Load . . . . . . . . . . . . . . . . . . . . . CL = 100 pF for 70 ns
See Figures 13, 14, and 15
TABLE
5: DC OPERATING CHARACTERISTICS VDD = 5.0V±10% FOR SST29SFXXX
Symbol
Parameter
Limits
Test Conditions
Min
Max
Units
IDD
Power Supply Current
Address input=VIL/VIH, at f=1/TRC Min
VDD=VDD Max
Read
20
mA
CE#=OE#=VIL, WE#=VIH, all I/Os open
Write
20
mA
CE#=WE#=VIL, OE#=VIH
ISB1
Standby VDD Current (TTL input)
3
mA
CE#=VIH, VDD=VDD Max
ISB2
Standby VDD Current (CMOS input)
100
µA
CE#=VIHC, VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
10
µA
VOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.8
V
VDD=VDD Min
VIH
Input High Voltage
2.0
V
VDD=VDD Max
VIHC
Input High Voltage (CMOS)
VDD-0.3
V
VDD=VDD Max
VOL
Output Low Voltage
0.4
V
IOL=2.1 µA, VDD=VDD Min
VOH
Output High Voltage
2.4
V
IOH=-400 µA, VDD=VDD Min
T5.3 505


Số phần tương tự - SST29SF512-55-4C-WH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST29SF020 SST-SST29SF020 Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29SF020-55-4C-NHE SST-SST29SF020-55-4C-NHE Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29SF020-55-4C-WHE SST-SST29SF020-55-4C-WHE Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29SF020-55-4I-NHE SST-SST29SF020-55-4I-NHE Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29SF020-55-4I-WHE SST-SST29SF020-55-4I-WHE Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
More results

Mô tả tương tự - SST29SF512-55-4C-WH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF020 SST-SST29SF020_06 Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST29SF040 SST-SST29SF040 Datasheet
286Kb / 22P
   4 Mbit (x8) Small-Sector Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com