công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UA723CN bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
UA723CN bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 21 page µA723 PRECISION VOLTAGE REGULATORS SLVS057D – AUGUST 1972 – REVISED JULY 1999 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 schematic VCC+ VC 15 k Ω OUTPUT 6.2 V VZ FREQ COMP CURR SENS CURR LIM IN– IN+ REF 150 Ω 1 k Ω 20 k Ω 300 Ω 5 k Ω 30 k Ω 100 Ω 1 k Ω 25 k Ω 500 Ω 15 k Ω 5 pF VCC– Resistor and capacitor values shown are nominal. absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Peak voltage from VCC+ to VCC– (tw ≤ 50 ms) 50 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous voltage from VCC+ to VCC– 40 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input-to-output voltage differential 40 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage to error amplifier ±5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage between noninverting input and VCC– 8 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Current from VZ 25 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Current from REF 15 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Notes 1 and 2): D package 86 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 101 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D or N package 260 °C . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability. 2. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace length of zero. |
Số phần tương tự - UA723CN |
|
Mô tả tương tự - UA723CN |