công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1525B-SP bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UC1525B-SP
Giải thích chi tiết về linh kiện  RAD-TOLERANT CLASS-V REGULATING PULSE WIDTH MODULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1525B-SP bảng dữ liệu(HTML) 3 Page - Texas Instruments

  UC1525B-SP Datasheet HTML 1Page - Texas Instruments UC1525B-SP Datasheet HTML 2Page - Texas Instruments UC1525B-SP Datasheet HTML 3Page - Texas Instruments UC1525B-SP Datasheet HTML 4Page - Texas Instruments UC1525B-SP Datasheet HTML 5Page - Texas Instruments UC1525B-SP Datasheet HTML 6Page - Texas Instruments UC1525B-SP Datasheet HTML 7Page - Texas Instruments UC1525B-SP Datasheet HTML 8Page - Texas Instruments UC1525B-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ABSOLUTE MAXIMUM RATINGS
(1) (2)
RECOMMENDED OPERATING CONDITIONS
(1)
UC1525B-SP
www.ti.com............................................................................................................................................................................................... SLUS874 – JANUARY 2009
over operating free-air temperature range (unless otherwise noted)
+VIN
Supply voltage
40 V
VC
Collector supply voltage
40 V
Logic inputs
–0.3 V to 5.5 V
VI
Analog inputs
–0.3 V to VIN
IO
Output current, source or sink
500 mA
Reference output current
50 mA
Oscillator charging current
5 mA
TA = 25°C
1000 mW
PD
Power dissipation
TC = 25°C
2000 mW
TJ
Operating junction temperature
–55°C to 150°C
Tstg
Storage temperature range
–65°C to 150°C
Tlead
Lead temperature (soldering, 10 seconds)
300°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground. Currents are positive into, negative out of the specified terminal.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
+VIN
Input voltage
8
35
V
VC
Collector supply voltage
4.5
35
V
Sink/source load current (steady state)
0
100
mA
Sink/source load current (peak)
0
400
mA
Reference load current
0
20
mA
Oscillator frequency range
0.1
400
kHz
Oscillator timing resistor
2
150
k
Oscillator timing capacitor
0.001
0.1
µF
Dead time resistor range
0
500
(1)
Range over which the device is functional and parameter limits are specified.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UC1525B-SP


Số phần tương tự - UC1525B-SP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
UC1525B TI-UC1525B Datasheet
798Kb / 15P
[Old version datasheet]   Regulating Pulse Width Modulators
UC1525BDW TI-UC1525BDW Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
UC1525BJ TI-UC1525BJ Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
UC1525BJ TI-UC1525BJ Datasheet
798Kb / 15P
[Old version datasheet]   Regulating Pulse Width Modulators
More results

Mô tả tương tự - UC1525B-SP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com