công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST29LE010-90-4I-WH bảng dữ liệu(PDF) 6 Page - Silicon Storage Technology, Inc

tên linh kiện SST29LE010-90-4I-WH
Giải thích chi tiết về linh kiện  1 Mbit (128K x8) Page-Mode EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SST [Silicon Storage Technology, Inc]
Trang chủ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29LE010-90-4I-WH bảng dữ liệu(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST29LE010-90-4I-WH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29LE010-90-4I-WH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29LE010-90-4I-WH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29LE010-90-4I-WH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29LE010-90-4I-WH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29LE010-90-4I-WH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29LE010-90-4I-WH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29LE010-90-4I-WH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29LE010-90-4I-WH Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
Data Sheet
1 Mbit Page-Mode EEPROM
SST29EE010 / SST29LE010 / SST29VE010
©2001 Silicon Storage Technology, Inc.
S71061-07-000
6/01
304
TABLE
3: OPERATION MODES SELECTION
Mode
CE#
OE#
WE#
DQ
Address
Read
VIL
VIL
VIH
DOUT
AIN
Page-Write
VIL
VIH
VIL
DIN
AIN
Standby
VIH
X1
XHigh Z
X
Write Inhibit
X
VIL
XHigh Z/ DOUT
X
XX
VIH
High Z/ DOUT
X
Software Chip-Erase
VIL
VIH
VIL
DIN
AIN, See Table 4
Product Identification
Software Mode
VIL
VIH
VIL
Manufacturer’s ID (BFH)
Device ID2
See Table 4
SDP Enable Mode
VIL
VIH
VIL
See Table 4
SDP Disable Mode
VIL
VIH
VIL
See Table 4
T3.3 304
1. X can be VIL or VIH, but no other value.
2. Device ID = 07H for SST29EE010 and 08H for SST29LE/VE010
TABLE
4: SOFTWARE COMMAND SEQUENCE
Command
Sequence
1st Bus
Write Cycle
2nd Bus
Write Cycle
3rd Bus
Write Cycle
4th Bus
Write Cycle
5th Bus
Write Cycle
6th Bus
Write Cycle
Addr1
1. Address format A14-A0 (Hex), Addresses A15 and A16 can be VIL or VIH, but no other value.”
Data
Addr1
Data
Addr1
Data
Addr1
Data
Addr1
Data
Addr1
Data
Software
Data Protect Enable
& Page-Write
5555H
AAH
2AAAH
55H
5555H
A0H
Addr2
2. Page-Write consists of loading up to 128 Bytes (A6-A0)
Data
Software
Data Protect Disable
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
20H
Software Chip-Erase3
3. The software Chip-Erase function is not supported by the industrial temperature part.
Please contact SST if you require this function for an industrial temperature part.
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
10H
Software ID Entry4,5
4. The device does not remain in Software Product ID Mode if powered down.
5. With A14-A1 =0;
SST Manufacturer’s ID= BFH, is read with A0 = 0,
SST29EE010 Device ID = 07H, is read with A0 = 1
SST29LE/VE010 Device ID = 08H, is read with A0 = 1
5555H
AAH
2AAAH
55H
5555H
90H
Software ID Exit
5555H
AAH
2AAAH
55H
5555H
F0H
Alternate
Software ID Entry6
6. Alternate six-byte Software Product ID Command Code
Note: This product supports both the JEDEC standard three-byte command code sequence and SST’s original six-byte command code
sequence. For new designs, SST recommends that the three-byte command code sequence be used.
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
60H
T4.3 304


Số phần tương tự - SST29LE010-90-4I-WH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST29LE010-90-4I-WH SST-SST29LE010-90-4I-WH Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010-90-4I-WH SST-SST29LE010-90-4I-WH Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
More results

Mô tả tương tự - SST29LE010-90-4I-WH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29EE020 SST-SST29EE020 Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28SF040A SST-SST28SF040A_03 Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com