công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1148 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1148
Giải thích chi tiết về linh kiện  16-Bit Analog-to-Digital Converters for Temperature Sensors
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1148 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS1148 Datasheet HTML 1Page - Texas Instruments ADS1148 Datasheet HTML 2Page - Texas Instruments ADS1148 Datasheet HTML 3Page - Texas Instruments ADS1148 Datasheet HTML 4Page - Texas Instruments ADS1148 Datasheet HTML 5Page - Texas Instruments ADS1148 Datasheet HTML 6Page - Texas Instruments ADS1148 Datasheet HTML 7Page - Texas Instruments ADS1148 Datasheet HTML 8Page - Texas Instruments ADS1148 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
(V )(Gain)
IN
2
AVSS
0.1V
+
+
AVDD
0.1V
-
-
(V )(Gain)
IN
2
ADS1146
ADS1147
ADS1148
www.ti.com
SBAS453F – JULY 2009 – REVISED APRIL 2012
ELECTRICAL CHARACTERISTICS
Minimum/maximum specifications apply from –40°C to +105°C. Typical specifications are at +25°C. All specifications at
AVDD = +5V, DVDD = +3.3V, AVSS = DGND = 0V, VREF = +2.048V, and oscillator frequency = 4.096MHz, unless otherwise
noted.
ADS1146, ADS1147, ADS1148
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale input voltage
±VREF/PGA
(1)
V
(VIN = ADCINP – ADCINN)
Common-mode input range
V
Differential input current
100
pA
1, 2, 4, 8, 16, 32,
PGA gain settings
64, 128
Burnout current source
0.5, 2, or 10
μA
Bias voltage
(AVDD + AVSS)/2
V
Bias voltage output impedance
400
SYSTEM PERFORMANCE
Resolution
No missing codes
16
Bits
5, 10, 20, 40, 80,
Data rate
160, 320, 640,
SPS
1000, 2000
Integral nonlinearity (INL)
Differential input, end point fit, PGA = 1
±0.5
±1
LSB
Offset error
After calibration
1
LSB
PGA = 1
100
nV/°C
Offset drift
PGA = 128
15
nV/°C
Gain error
Excluding VREF errors
±0.5
%
PGA = 1, excludes VREF drift
1
ppm/°C
Gain drift
PGA = 128, excludes VREF drift
–3.5
ppm/°C
ADC conversion time
Single-cycle settling
See Table 12
Noise
See Table 1 and Table 2
Normal-mode rejection
See Table 5
At dc, PGA = 1
90
dB
Common-mode rejection
At dc, PGA = 32
100
dB
Power-supply rejection
AVDD, DVDD at dc
100
dB
VOLTAGE REFERENCE INPUT
Voltage reference input
(AVDD –
0.5
V
(VREF = VREFP – VREFN)
AVSS) – 1
Negative reference input (REFN)
AVSS – 0.1
REFP – 0.5
V
Positive reference input (REFP)
REFN + 0.5
AVDD + 0.1
V
Reference input current
30
nA
ON-CHIP VOLTAGE REFERENCE
Output voltage
2.038
2.048
2.058
V
Output current(2)
±10
mA
Load regulation
50
μV/mA
Drift(3)
TA = –40°C to +105°C
20
50
ppm/°C
Startup time
See Table 6
μs
(1)
For VREF > 2.7V, the analog input differential voltage should not exceed 2.7V/PGA
(2)
Do not exceed this loading on the internal voltage reference.
(3)
Specified by the combination of design and final production test.
Copyright © 2009–2012, Texas Instruments Incorporated
3


Số phần tương tự - ADS1148

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1148 TI-ADS1148 Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1148 TI1-ADS1148 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
ADS1148 TI1-ADS1148 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1148-Q1 TI1-ADS1148-Q1 Datasheet
1Mb / 80P
[Old version datasheet]   Automotive,16-Bit, 2-kSPS, Analog-to-Digital Converter
ADS1148EVM TI1-ADS1148EVM Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
More results

Mô tả tương tự - ADS1148

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1146 TI1-ADS1146_14 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI-ADS1146 Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_10 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
ADS1246_101 TI-ADS1246_101 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_102 TI-ADS1246_102 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_10 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_13 Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI1-ADS1246_14 Datasheet
1Mb / 71P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248EVM-PDK TI1-ADS1248EVM-PDK Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246 Datasheet
1Mb / 60P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com