công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3A27518ETRTWRQ1 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS3A27518ETRTWRQ1
Giải thích chi tiết về linh kiện  6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A27518ETRTWRQ1 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  TS3A27518ETRTWRQ1 Datasheet HTML 1Page - Texas Instruments TS3A27518ETRTWRQ1 Datasheet HTML 2Page - Texas Instruments TS3A27518ETRTWRQ1 Datasheet HTML 3Page - Texas Instruments TS3A27518ETRTWRQ1 Datasheet HTML 4Page - Texas Instruments TS3A27518ETRTWRQ1 Datasheet HTML 5Page - Texas Instruments TS3A27518ETRTWRQ1 Datasheet HTML 6Page - Texas Instruments TS3A27518ETRTWRQ1 Datasheet HTML 7Page - Texas Instruments TS3A27518ETRTWRQ1 Datasheet HTML 8Page - Texas Instruments TS3A27518ETRTWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TS3A27518E-Q1
www.ti.com
SCDS311B – JANUARY 2010 – REVISED MAY 2012
ELECTRICAL CHARACTERISTICS FOR 3.3-V SUPPLY
(1)
(continued)
V+ = 3 V to 3.6 V, TA = –40°C to 105°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
VNC or VNO = 1 V,
25°C
–0.5
0.05
0.5
VCOM = 3 V,
INC(OFF),
or
3.6 V
INO(OFF)
Full
–7
7
VNC or VNO = 3 V,
NC, NO
VCOM = 1 V,
Switch OFF,
OFF leakage
μA
See Figure 16
VNC or VNO = 0 to 3.6 V,
25°C
–1
0.05
1
current
VCOM = 3.6 V to 0,
INC(PWROFF),
or
0 V
INO(PWROFF)
Full
–12
12
VNC or VNO = 3.6 V to 0,
VCOM = 0 to 3.6 V,
VNC or VNO = 3 V,
25°C
–1
0.01
1
VCOM = 1 V,
ICOM(OFF)
or
3.6 V
Full
–2
2
VNC or VNO = 1 V,
COM
VCOM = 3 V,
Switch OFF,
OFF leakage
μA
See Figure 16
VNC or VNO = 3.6 V to 0,
25°C
–1
0.02
1
current
VCOM = 0 to 3.6 V,
ICOM(PWROFF)
or
0 V
Full
–12
12
VNC or VNO = 0 to 3.6 V,
VCOM = 3.6 V to 0,
25°C
–2.5
0.04
2.2
VNC or VNO = 1 V,
NC, NO
VCOM = Open,
–40°C
INO(ON),
Switch ON,
–7
7
ON leakage
or
to 85°C
3.6 V
μA
INC(ON)
See Figure 17
current
VNC or VNO = 3 V,
85°C to
VCOM = Open,
–7.5
7.5
105°C
VNC or VNO = Open,
25°C
–2
0.03
2
COM
VCOM = 1 V,
Switch ON,
ON leakage
ICOM(ON)
or
3.6 V
μA
See Figure 17
Full
–7
7
current
VNC or VNO = Open,
VCOM = 3 V,
Digital Control Inputs (IN1, IN2, EN)(2)
Input logic high
VIH
Full
3.6 V
1.2
3.6
V
Input logic low
VIL
Full
3.6 V
0
0.65
V
25°C
–0.1
0.05
0.1
Input leakage current
IIH, IIL
VI = V+ or 0
3.6 V
μA
Full
–2.5
2.5
Dynamic
25°C
3.3 V
18.1
59
–40°C
VCOM = V+,
CL = 35 pF,
60
Turn-on time
tON
to 85°C
ns
RL = 50 Ω,
See Figure 19
3 V to 3.6 V
85°C to
68
105°C
25°C
3.3 V
25.4
60.6
–40°C
VCOM = V+,
CL = 35 pF,
61
Turn-off time
tOFF
to 85°C
ns
RL = 50 Ω,
See Figure 19
3 V to 3.6 V
85°C to
70
105°C
25°C
3.3 V
4
11.1
22.7
Break-before-
VNC = VNO = V+/2,
CL = 35 pF,
tBBM
ns
make time
RL = 50 Ω,
See Figure 20
Full
3 V to 3.6 V
28
VGEN = 0,
CL = 0.1 nF,
Charge injection
QC
25°C
3.3 V
0.81
pC
RGEN = 0,
See Figure 24
NC, NO
CNC(OFF),
VNC or VNO = V+ or GND,
See Figure 18
25°C
3.3 V
13
pF
OFF capacitance
CNO(OFF)
Switch OFF,
COM
VNC or VNO = V+ or GND,
CCOM(OFF)
See Figure 18
3.3 V
8.5
pF
OFF capacitance
Switch OFF,
NC, NO
CNC(ON),
VNC or VNO = V+ or GND,
See Figure 18
25°C
3.3 V
21.5
pF
ON capacitance
CNO(ON)
Switch OFF,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 18
25°C
3.3 V
21.5
pF
ON capacitance
Switch ON,
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS3A27518E-Q1


Số phần tương tự - TS3A27518ETRTWRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3A27518E TI-TS3A27518E Datasheet
928Kb / 26P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
TS3A27518EPWR TI-TS3A27518EPWR Datasheet
928Kb / 26P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
TS3A27518EPWR TI1-TS3A27518EPWR Datasheet
1Mb / 35P
[Old version datasheet]   6-Channel, 1:2 Multiplexer/Demultiplexer
TS3A27518ERTWR TI-TS3A27518ERTWR Datasheet
928Kb / 26P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
TS3A27518ERTWR TI1-TS3A27518ERTWR Datasheet
1Mb / 35P
[Old version datasheet]   6-Channel, 1:2 Multiplexer/Demultiplexer
More results

Mô tả tương tự - TS3A27518ETRTWRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3A27518E TI-TS3A27518E_15 Datasheet
1Mb / 29P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
TS3A27518E TI-TS3A27518E Datasheet
928Kb / 26P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
logo
Toshiba Semiconductor
TC7MBL3257CFT TOSHIBA-TC7MBL3257CFT Datasheet
241Kb / 12P
   4-Bit 1-of-2 Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT3257 TI-SN74CBT3257 Datasheet
361Kb / 12P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3Q3257 TI-SN74CB3Q3257 Datasheet
336Kb / 13P
[Old version datasheet]   4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com