công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL26708IRTZ bảng dữ liệu(PDF) 5 Page - Intersil Corporation

tên linh kiện ISL26708IRTZ
Giải thích chi tiết về linh kiện  12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26708IRTZ bảng dữ liệu(HTML) 5 Page - Intersil Corporation

  ISL26708IRTZ Datasheet HTML 1Page - Intersil Corporation ISL26708IRTZ Datasheet HTML 2Page - Intersil Corporation ISL26708IRTZ Datasheet HTML 3Page - Intersil Corporation ISL26708IRTZ Datasheet HTML 4Page - Intersil Corporation ISL26708IRTZ Datasheet HTML 5Page - Intersil Corporation ISL26708IRTZ Datasheet HTML 6Page - Intersil Corporation ISL26708IRTZ Datasheet HTML 7Page - Intersil Corporation ISL26708IRTZ Datasheet HTML 8Page - Intersil Corporation ISL26708IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ISL26712, ISL26710, ISL26708
5
FN7999.3
September 5, 2012
Absolute Maximum Ratings
Thermal Information
Any Pin to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.0V
Analog Input to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD + 0.3V
Digital I/O to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD + 0.3V
Digital Input Voltage to GND . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD + 0.3V
Maximum Current In to Any Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
ESD Rating
Human Body Model (Tested per JESD22-A114F) . . . . . . . . . . . . . . . . 8kV
Machine Model (Tested per JESD22-A115B) . . . . . . . . . . . . . . . . . 400V
Charged Device Model (Tested per JESD22-C101E)
TDFN Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0kV
SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5kV
Latch Up (Tested per JESD78C; Class 2, Level A) . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
8 Ld TDFN Package (Notes 6, 8) . . . . . . . . .
41
6
8 Ld SOT-23 Package (Notes 7, 9). . . . . . . .
135
99
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
7.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
8. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
9. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications VDD = +3.0V to +3.6V, FSCLK = 18MHz, FS = 1MSPS, VREF = 2.0V; VDD = +4.75V to +5.25V, FSCLK = 18MHz,
FS =1MSPS, VREF = 2.5V; VCM = VREF, unless otherwise noted. Typical values are at TA = +25°C. Boldface limits apply over the operating temperature
range, -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
ISL26712
ISL26710
ISL26708
UNITS
MIN
(Note 10)
TYP
MAX
(Note 10)
MIN
(Note 10)
TYP
MAX
(Note 10)
MIN
(Note 10)
TYP
MAX
(Note 10)
DYNAMIC PERFORMANCE
SINAD Signal-to (Noise +
Distortion) Ratio
FIN = 100kHz
VDD = +4.75V to +5.25V
70.0
71.4
61.0
61.6
49.0
49.8
dB
FIN = 100kHz
VDD = +3.0V to +3.6V
68.5
70.5
60.7
61.5
49.0
49.8
dB
THD
Total Harmonic
Distortion
FIN = 100kHz
VDD = +4.75V to +5.25V
-84
-76
-82
-74
-75
-60
dB
FIN = 100kHz
VDD = +3.0V to +3.6V
-84
-74
-82
-72
-73
-60
dB
SFDR Spurious Free Dynamic
Range
FIN = 100kHz
VDD = +4.75V to +5.25V
-87
-76
-82
-76
-68
-60
dB
FIN = 100kHz
VDD = +3.0V to +3.6V
-85
-74
-82
-74
-68
-60
dB
IMD
Intermodulation
Distortion
2nd and 3rd order,
FIN = 90kHz, 110kHz
-89
-83
-81
dB
tpd
Aperture Delay
1
1
1
ns
Δtpd Aperture Jitter
15
15
15
ps
β3dB Full Power Bandwidth
@ –3dB
15
15
15
MHz
DC ACCURACY
NResolution
12
10
8
Bits
INL
Integral Nonlinearity
-1
±0.4
1-0.5
±0.1
0.5
-0.2
±0.03
0.2
LSB
DNL
Differential Nonlinearity Guaranteed no missing
codes
-0.95
±0.3
0.95
-0.5
±0.1
0.5
-0.2
±0.03
0.2
LSB
OFFSET Zero-Code Error
Zero Volt Differential Input
-6
±0.2
6-2.5
±0.2
2.5
-1.25
±0.03
1.25
LSB


Số phần tương tự - ISL26708IRTZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL26708IRTZ INTERSIL-ISL26708IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Renesas Technology Corp
ISL26708IRTZ RENESAS-ISL26708IRTZ Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26708IRTZ-T INTERSIL-ISL26708IRTZ-T Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Renesas Technology Corp
ISL26708IRTZ-T RENESAS-ISL26708IRTZ-T Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
More results

Mô tả tương tự - ISL26708IRTZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
Linear Technology
LTC2374 LINER-LTC2374 Datasheet
1Mb / 12P
   16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com