công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISL26320 bảng dữ liệu(PDF) 6 Page - Intersil Corporation |
|
ISL26320 bảng dữ liệu(HTML) 6 Page - Intersil Corporation |
6 / 23 page ISL26320, ISL26321, ISL26322, ISL26323, ISL26324, ISL26325, ISL26329 6 FN8273.0 June 8, 2012 Absolute Maximum Ratings Thermal Information AIN+, AIN-, VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND-0.3 to VDD+0.3V Digital Inputs. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND-0.3 to VDD+0.3V VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 6V GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND-0.3 to +0.3V ESD Rating Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . . . . . . . . 5000V Machine Model (Per JESD22-A115). . . . . . . . . . . . . . . . . . . . . . . . . . 350V Charged Device Model (Per JESD22-C101) . . . . . . . . . . . . . . . . . . . . . .2000V Latch-up (Tested per JESD-78B; Class 2, Level A) . . . . . . . . . . . . . . . . . . . . . . 100mA Thermal Resistance (Typical) θJA (°C/W) θJC (°C/W) 8 Ld SOIC (Notes 4, 5) . . . . . . . . . . . . . . . . . 98 48 16 Ld TSSOP (Notes 4, 5) . . . . . . . . . . . . . . 92 29 Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80mW Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C Maximum Storage Temperature Range . . . . . . . . . . . . . -65°C to +150°C Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp Operating Conditions Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +125°C VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to +5.25V CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 5. For θJC, the “case temp” location is taken at the package top center. Electrical Specifications VREF = VDD V, VDD = 2.7V to 5V, VCM=VDD/2,SCLK=20MHzandTA=-40°Cto+125°C(typicalperformance at +25°C), unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +125°C. SYMBOL PARAMETER TEST LEVEL OR NOTES MIN (Note 6) TYP MAX (Note 6) UNITS ANALOG INPUTS Number of Input Channels ISL26320, ISL26321 1 ISL26322 2 ISL26323 2 ISL26324, ISL26325 4 ISL26329 8 Input Voltage Range Differential Inputs (AINX+ - AINX-) is -VREF (Min) and +VREF (Max) 0VREF V AINX, Single-Ended Inputs 0 VREF V Common Mode Input Voltage Range Differential Inputs VREF/2 – 0.2 VREF/2 VREF/2 + 0.2 V Average Input Current 2.5 μA CIN Input Capacitance 4pF Channel-Channel Crosstalk fIN = 100kHz VIN = FS, other channels = 0V -86 dB VOLTAGE REFERENCE VREFEX External Reference Input Voltage Range 2 2.5 VDD V IREFIN Average Input Current 200 220 μA CREFIN Effective Input Capacitance 10 pF DC ACCURACY Resolution (No Missing Codes) 12 Bits DNL Differential Nonlinearity Error -0.7 +0.7 LSB INL Integral Nonlinearity Error -0.7 +0.7 LSB Gain Error -6 6 LSB Gain Error Matching -2 2 LSB Offset Error -6 6 LSB |
Số phần tương tự - ISL26320 |
|
Mô tả tương tự - ISL26320 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |