công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISLA214P13 bảng dữ liệu(PDF) 5 Page - Intersil Corporation

tên linh kiện ISLA214P13
Giải thích chi tiết về linh kiện  High Performance 14-Bit, 125MSPS ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214P13 bảng dữ liệu(HTML) 5 Page - Intersil Corporation

  ISLA214P13 Datasheet HTML 1Page - Intersil Corporation ISLA214P13 Datasheet HTML 2Page - Intersil Corporation ISLA214P13 Datasheet HTML 3Page - Intersil Corporation ISLA214P13 Datasheet HTML 4Page - Intersil Corporation ISLA214P13 Datasheet HTML 5Page - Intersil Corporation ISLA214P13 Datasheet HTML 6Page - Intersil Corporation ISLA214P13 Datasheet HTML 7Page - Intersil Corporation ISLA214P13 Datasheet HTML 8Page - Intersil Corporation ISLA214P13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
ISLA214P12
5
FN7982.2
June 27, 2012
Pin Descriptions - 72 Ld QFN, CMOS Mode
PIN NUMBER
CMOS PIN NAME
CMOS PIN FUNCTION
DDR MODE COMMENTS
1, 2, 16, 17, 28, 30, 33,
35, 37, 39, 41, 43, 47,
49, 51, 53, 55, 57, 59, 63
DNC
Do Not Connect
6, 13, 19, 20, 21, 70, 71,
72
AVDD
1.8V Analog Supply
5, 7, 12, 14
AVSS
Analog Ground
27, 32, 62
OVDD
1.8V Output Supply
26, 45, 61, 65
OVSS
Output Ground
3
NAPSLP
Tri-Level Power Control (Nap, Sleep modes)
4
VCM
Common Mode Output
8, 9
VINN
Analog Input Negative
10, 11
VINP
Analog Input Positive
15
CLKDIV
Tri-Level Clock Divider Control
18
RESETN
Power On Reset (Active Low)
22, 23
CLKP, CLKN
Clock Input True, Complement
24, 25
CLKDIVRSTP, CLKDIVRSTN Synchronous Clock Divider Reset True, Complement
29
D13
CMOS Bit 13 (MSB) Output
NC in DDR Mode
31
D12
CMOS Bit 12 Output
DDR Logical Bits 12, 13
34
D11
CMOS Bit 11 Output
NC in DDR Mode
36
D10
CMOS Bit 10 Output
DDR Logical Bits 10, 11
38
D9
CMOS Bit 9 Output
NC in DDR Mode
40
D8
CMOS Bit 8 Output
DDR Logical Bits 8, 9
42
D7
CMOS Bit 7 Output
NC in DDR Mode
44
D6
CMOS Bit 6 Output
DDR Logical Bits 6, 7
46
RLVDS
LVDS Bias Resistor (connect to OVSS with 1% 10k
Ω)
48
CLKOUT
CMOS Clock Output
50
D5
CMOS Bit 5 Output
NC in DDR Mode
52
D4
CMOS Bit 4 Output
DDR Logical Bits 4, 5
54
D3
CMOS Bit 3 Output
NC in DDR Mode
56
D2
CMOS Bit 2 Output
DDR Logical Bits 2, 3
58
D1
CMOS Bit 1 Output
NC in DDR Mode
60
D0
CMOS Bit 0 (LSB) Output
DDR Logical Bits 0, 1
64
OR
CMOS Over Range
DDR Over Range
66
SDO
SPI Serial Data Output
67
CSB
SPI Chip Select (active low)
68
SCLK
SPI Clock
69
SDIO
SPI Serial Data Input/Output
Exposed Paddle
AVSS
Analog Ground


Số phần tương tự - ISLA214P13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISLA214P13 INTERSIL-ISLA214P13 Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA214P13 RENESAS-ISLA214P13 Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA214P13 INTERSIL-ISLA214P13 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA214P13 INTERSIL-ISLA214P13 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA214P13 INTERSIL-ISLA214P13 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Mô tả tương tự - ISLA214P13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISLA214P12IRZ INTERSIL-ISLA214P12IRZ Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
June 27, 2012
logo
Renesas Technology Corp
ISLA214P12 RENESAS-ISLA214P12 Datasheet
1Mb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA224P12 RENESAS-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
logo
Intersil Corporation
ISLA224P12 INTERSIL-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP INTERSIL-KAD5512HP Datasheet
514Kb / 30P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com