công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISLA216S bảng dữ liệu(PDF) 8 Page - Intersil Corporation

tên linh kiện ISLA216S
Giải thích chi tiết về linh kiện  16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA216S bảng dữ liệu(HTML) 8 Page - Intersil Corporation

Back Button ISLA216S Datasheet HTML 4Page - Intersil Corporation ISLA216S Datasheet HTML 5Page - Intersil Corporation ISLA216S Datasheet HTML 6Page - Intersil Corporation ISLA216S Datasheet HTML 7Page - Intersil Corporation ISLA216S Datasheet HTML 8Page - Intersil Corporation ISLA216S Datasheet HTML 9Page - Intersil Corporation ISLA216S Datasheet HTML 10Page - Intersil Corporation ISLA216S Datasheet HTML 11Page - Intersil Corporation ISLA216S Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ISLA216S
8
FN7996.0
February 2, 2012
Input Capacitance
CDI
4pF
LVDS INPUTS (SYNCP, SYNCN)
Input Common Mode Range
VICM
825
1575
mV
Input Differential Swing (peak-to-peak, single-ended)
VID
250
450
mV
Input Pull-up and Pull-down Resistance
RIpu
100
kΩ
CML OUTPUTS
Output Common Mode Voltage
1.14
V
Digital Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNITS
Switching Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITION
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
ADC OUTPUT
Aperture Delay
tA
190
ps
RMS Aperture Jitter
jA
100
fs
Synchronous Clock Divider Reset Recovery Time (Note 12)
tRSTRT
DLL recovery
time after
Synchronous
Reset
250
µs
Latency (ADC Pipeline Delay)
L
10
cycles
Overvoltage Recovery
tOVR
1cycles
SERDES
PLL Lock Time
295
µs
PLL Bandwidth
2.2
MHz
Added Random Jitter
5ps
RMS
Added Deterministic Jitter
7ps P-P
Maximum Input Sample Clock Total Jitter to Maintain SERDES
BER <1E-12
Integrated from
1kHz to 10MHz
offset from
carrier
5ps rms
LVDS Inputs
SYNCP, SYNCN Setup Time (with Respect to the Positive Edge of
CLKP)
tRSTS
AVDD,
OVDD = 1.7V to
1.9V, TA = -40°C
to +85°C
400
75
ps
SYNCP, SYNCN Hold Time (with respect to the positive edge of
CLKP)
tRSTH
AVDD,
OVDD = 1.7V to
1.9V, TA = -40°C
to +85°C
150
350
ps
CML Outputs
Output Rise Time
tR
165
ps
Output Fall Time
tF
145
ps
Data Output Duty Cycle
50
%
Differential Output Resistance
100


Số phần tương tự - ISLA216S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
ISLA216S13 INTERSIL-ISLA216S13 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISLA216S13 RENESAS-ISLA216S13 Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S13IR1Z INTERSIL-ISLA216S13IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
More results

Mô tả tương tự - ISLA216S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com