công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCS38140PG05C bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MCS38140PG05C
Giải thích chi tiết về linh kiện  GPS Digital Correlator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCS38140PG05C bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MCS38140PG05C Datasheet HTML 1Page - Motorola, Inc MCS38140PG05C Datasheet HTML 2Page - Motorola, Inc MCS38140PG05C Datasheet HTML 3Page - Motorola, Inc MCS38140PG05C Datasheet HTML 4Page - Motorola, Inc MCS38140PG05C Datasheet HTML 5Page - Motorola, Inc MCS38140PG05C Datasheet HTML 6Page - Motorola, Inc MCS38140PG05C Datasheet HTML 7Page - Motorola, Inc MCS38140PG05C Datasheet HTML 8Page - Motorola, Inc MCS38140PG05C Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MCS38140PG05C
2
MOTOROLA
1.0 Summary
The RoadRunner Application Specific Integrated Circuit
(ASIC) represents the 5th generation of Global Positioning
System (GPS) digital signal processing integrated circuits
used in Motorola commercial GPS products. When com-
bined with an RF down converter, microprocessor, and
application software, it can become the heart of a broad line
of high performance and low cost GPS sensors. The
RoadRunner ASIC provides additional features and
achieves higher levels of performance at the same time
being a driver for the design of low cost GPS applications.
The RoadRunner ASIC contains circuitry to simultaneous-
ly track up to eight satellites. Each independent receiver
channel within the ASIC can be commanded to acquire and
continuously track a single spread spectrum signal using any
of the GPS gold codes or the FAA WAASS PN codes. The
ASIC performs the following major functions of a GPS
receiver:
• Samples the down converted IF signal with a 1 bit A/D
converter
• Down converts the signal to baseband by removal of the IF
the carrier frequency
• Signal de–spread with a replica PN code
• Doppler wipe off
• Provides digital in–phase and quadrature PROMPT and
EARLY–minus–LATE outputs
The microprocessor and software control each receiver
channel independently, and step the channel through the
satellite acquisition process until continuous track is
achieved. The acquisition and tracking functions are com-
pletely controlled by software, allowing for maximum flexibil-
ity for system enhancement and integration while
maintaining a cost effective implementation.
Digital signal processing software running in the micropro-
cessor controls the satellite tracking function by closing both
code and phase/frequency tracking loops and converting the
ASIC outputs into pseudorange and pseudorange–rate
measurements, and decodes and stores the satellite broad-
cast ephemeris and clock correction data for use in down
stream data processing software. These measurements and
data are subsequently used in the receiver’s PVT software
(position, velocity, and time) in order to translate the range
measurements and ephemeris data into user position
coordinates.
The RoadRunner’s extended features include:
• Multiple microprocessor interface support (68330, 331,
332, 68HC000, 68EC000)
• Full in–phase and quadrature outputs on PROMPT and
EARLY minus LATE correlators
• Supports FAA WAASS PN codes
• Runs from 5.0 or 3.3 Volt power supply
• On–chip Real Time Clock
• On–chip UART
• Inexpensive 68 pin package
A top level block diagram of a typical GPS receiver using
the RoadRunner ASIC is detailed in Figure 1.1. Five major
subsystems are required to complete the design of a GPS
receiver. These subsystems include an antenna/LNA, a RF
downconverter (such as the Motorola MRFIC1502), a
reference oscillator, the RoadRunner ASIC, and a micropro-
cessor/memory system. When the RoadRunner ASIC is
combined with the GT Oncore
™ system software, the GPS
receiver will receive, track, and decode data from up to 8
parallel satellites to provide high performance position,
velocity, and time data to a user application.
AND
Figure 1.1 A Typical GPS Reciever Block Diagram with a RoadRunner ASIC
PLL / VCO
A/D
8 CHANNEL
CORRELATOR
CARRIER
FLASH ROM
128K X 8
128kX16
NON–VOLATILE
RAM
32K X 8
128K X 8
REAL TIME CLOCK
32 kHz OSCILLATOR
LPF
BPF
VCO
TUNE
BPF
BPF
LNA
MRFIC1502
REF OSCL
F–IF
MPU
INTERFACE
UART
MODULE
I/O PORT
MPU
68330
68331
68332
68000
68EC000
VRAM
MPU_CLK
A(7:0), D(7:0)
PWR
CLK
GEN
TEMP
SENSOR
SPI
GPIO
GLUELESS
INTERFACE
R/W, CS, ...
1–PPS
CURRENT
SENSOR
PWM’S
VCC
SW
WIPEOFF
SAMPLE CLK
I/O
PORT


Số phần tương tự - MCS38140PG05C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schurter Inc.
MCS30 SCHURTER-MCS30 Datasheet
82Kb / 7P
   Snap-in switch for switches PSE, MSM and MCS 30
MCS30 SCHURTER-MCS30 Datasheet
500Kb / 4P
   Metal Switch Short Stroke Ring Illuminated
MCS30 SCHURTER-MCS30 Datasheet
549Kb / 4P
   Metal Switch Short Stroke Ring Illuminated
MCS30 SCHURTER-MCS30 Datasheet
571Kb / 5P
   Metal Switch Short Stroke Ring Illuminated
05.01.2022
MCS30 SCHURTER-MCS30_18 Datasheet
549Kb / 4P
   Metal Switch Short Stroke Ring Illuminated
More results

Mô tả tương tự - MCS38140PG05C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mitel Networks Corporat...
GP2021 MITEL-GP2021 Datasheet
372Kb / 62P
   GPS 12 channel Correlator Advance Information
logo
Intersil Corporation
HSP45256883 INTERSIL-HSP45256883 Datasheet
207Kb / 9P
   Binary Correlator
logo
Zarlink Semiconductor I...
GP1020 ZARLINK-GP1020 Datasheet
345Kb / 44P
   SIX-CHANNEL PARALLEL CORRELATOR CIRCUIT FOR GPS OR GLONASS RECEIVERS
logo
Intersil Corporation
HSP45256 INTERSIL-HSP45256 Datasheet
154Kb / 23P
   Binary Correlator
logo
ATMEL Corporation
ATR0621P ATMEL-ATR0621P_08 Datasheet
604Kb / 31P
   GPS Baseband GPS Baseband
logo
Fujitsu Component Limit...
FAR-F6KA-1G5754-L4AJ FUJITSU-FAR-F6KA-1G5754-L4AJ Datasheet
113Kb / 5P
   GPS
FAR-F6KA-1G5754-L4AA FUJITSU-FAR-F6KA-1G5754-L4AA Datasheet
175Kb / 5P
   GPS
FAR-F6KA-1G5754-L4AB FUJITSU-FAR-F6KA-1G5754-L4AB Datasheet
135Kb / 5P
   GPS
logo
EPCOS
B7742 EPCOS-B7742_1 Datasheet
118Kb / 9P
   SAW GPS Extractor Filter GPS Extractor
logo
Mitsumi Electronics, Co...
GPA-CG2C5 MITSUMI-GPA-CG2C5 Datasheet
59Kb / 2P
   GPS Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com