công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST29LE020 bảng dữ liệu(PDF) 4 Page - Silicon Storage Technology, Inc

tên linh kiện SST29LE020
Giải thích chi tiết về linh kiện  2 Mbit (256K x8) Page-Mode EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SST [Silicon Storage Technology, Inc]
Trang chủ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29LE020 bảng dữ liệu(HTML) 4 Page - Silicon Storage Technology, Inc

  SST29LE020 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29LE020 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29LE020 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29LE020 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29LE020 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29LE020 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29LE020 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29LE020 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29LE020 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
Data Sheet
2 Mbit Page-Mode EEPROM
SST29EE020 / SST29LE020 / SST29VE020
©2001 Silicon Storage Technology, Inc.
S71062-06-000
6/01
307
Product Identification
The product identification mode identifies the device as the
SST29EE/LE/VE020 and manufacturer as SST. This mode
is accessed via software. For details, see Table 4, Figure
11 for the software ID entry and read timing diagram, and
Figure 18 for the ID entry command sequence flowchart.
Product Identification Mode Exit
In order to return to the standard read mode, the Software
Product Identification mode must be exited. Exiting is
accomplished by issuing the Software ID Exit (reset) opera-
tion, which returns the device to the Read operation. The
Reset operation may also be used to reset the device to the
Read mode after an inadvertent transient condition that
apparently causes the device to behave abnormally, e.g.,
not read correctly. See Table 4 for software command
codes, Figure 12 for timing waveform, and Figure 18 for a
flowchart.
FIGURE 1: PIN ASSIGNMENTS FOR 32-LEAD PLCC
TABLE
1: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST29EE020
0001H
10H
SST29LE020
0001H
12H
SST29VE020
0001H
12H
T1.3 307
Y-Decoder and Page Latches
I/O Buffers and Data Latches
307 ILL B1.1
Address Buffer & Latches
X-Decoder
DQ7 - DQ0
A17 - A0
WE#
OE#
CE#
SuperFlash
Memory
Control Logic
FUNCTIONAL BLOCK DIAGRAM
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
4
3
2
1
32
31 30
32-lead PLCC
Top View
307 ILL F02.3
14
15
16
17 18
19
20


Số phần tương tự - SST29LE020

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST29LE010 SST-SST29LE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29LE010 SST-SST29LE010 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010 SST-SST29LE010 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29LE010-120-3C-E SST-SST29LE010-120-3C-E Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010-120-3C-EH SST-SST29LE010-120-3C-EH Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
More results

Mô tả tương tự - SST29LE020

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Macronix International
MX27C4111 MCNIX-MX27C4111 Datasheet
522Kb / 15P
   4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
logo
Silicon Storage Technol...
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28SF040A SST-SST28SF040A_03 Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com