công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP121-EP bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
TMP121-EP bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 13 page www.ti.com Diode Temp. Sensor ∆Σ A/D Converter OSC Control Logic Serial Interface Config. and Temp. Register TMP121 Temperature GND NC NC = No Connection(1) 1 2 3 6 5 4 V+ SO CS SCK Diode Temp. Sensor ∆Σ A/D Converter OSC Control Logic Serial Interface Config. and Temp. Register TMP123 NC GND NC = No Connection(1) 1 2 3 6 5 4 V+ SO CS SCK Temperature ABSOLUTE MAXIMUM RATINGS (1) TMP121-EP TMP123-EP SGLS315 – SEPTEMBER 2005 (1) Pins Labeled NC should be left floating or connected to GND. This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION TA PACKAGE-LEAD ORDERABLE PART NUMBER PACKAGE MARKING TMP121AQDBVREP 121E –40 °C to 125°C SOT23-6 (DBV) Reel of 3000 TMP123AQDBVREP(1) 123E (1) Product Preview UNIT V+ Power supply 7 V Input voltage(2) –0.3 V to 7 V Input current 10 mA Operating temperature range –55 °C to 150°C Storage temperature range –60 °C to 150°C TJ max Junction temperature 150 °C Lead temperature (soldering) 300 °C (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not supported. (2) Input voltage rating applies to all TMP121 and TMP123 input voltages. 2 |
Số phần tương tự - TMP121-EP |
|
Mô tả tương tự - TMP121-EP |