công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA18214HN bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện TDA18214HN
Giải thích chi tiết về linh kiện  Silicon tuner for digital terrestrial and cable TV reception
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18214HN bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  TDA18214HN Datasheet HTML 1Page - NXP Semiconductors TDA18214HN Datasheet HTML 2Page - NXP Semiconductors TDA18214HN Datasheet HTML 3Page - NXP Semiconductors TDA18214HN Datasheet HTML 4Page - NXP Semiconductors TDA18214HN Datasheet HTML 5Page - NXP Semiconductors TDA18214HN Datasheet HTML 6Page - NXP Semiconductors TDA18214HN Datasheet HTML 7Page - NXP Semiconductors TDA18214HN Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TDA18214_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary short data sheet
Rev. 1. — 13 July 2012
4 of 8
NXP Semiconductors
TDA18214
Silicon tuner for digital terrestrial and cable TV reception
6.
Limiting values
Fig 2.
TDA18214HN block diagram
XTOUT1
XTOUT2
aaa-002615
SURGE AND CB
TRAP FILTER
RFIN
CAPSMOOTH
XTALINSEL
XTALP
XTALN
n.c.
LTO
loop-through
output
CAPRFAGC
∆∑ PLL
LO
DIVIDER
VCO
REGULATOR
LC-VCO
clock input
buffer
clock output
buffer
Xtal
oscillator
H3H5 and
wireless filter
RF tracking
filter
LNA/RF
splitter
RF AGC
IR mixer
IF filters
IF amplifier
CP
VTUNE
IFP
IFN
VIFAGC
CAPREGVCO
TDA18214HN
PLL loop
filter
I2C-bus
INTERFACE
l/O
GAIN
MANAGEMENT
POWER LEVEL
DETECTOR
TEMPERATURE
SENSOR
SDA
SCL
AS
IRQ
GPO2
GPO1/RFAGC_SENSE
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.3
+3.6
V
VI
input voltage
VCC <3.3 V
0.3
VCC +0.3 V
VCC >3.3 V
0.3
+3.6
V
Tstg
storage temperature
40
+150
C
Tj
junction temperature
-
150
C
Tamb
ambient temperature
20
[1]
C
VESD
electrostatic discharge voltage
EIA/JESD22-A114 (HBM)
2+2
kV
EIA/JESD22-C101-C (FCDM) class III[2]
750
-
V
GPO pins: GPO1/RFAGC_SENSE and GPO2
VCC
supply voltage
0 V < Vpu <5.5 V; Rpu >390 0.3
+5.5
V
ICC
supply current
corresponding GPO ON
20
0
mA


Số phần tương tự - TDA18214HN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA18211HD NXP-TDA18211HD Datasheet
320Kb / 66P
   DVB-T Silicon Tuner IC
Rev. 05-2 June 2009
TDA18211HDC2 NXP-TDA18211HDC2 Datasheet
320Kb / 66P
   DVB-T Silicon Tuner IC
Rev. 05-2 June 2009
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNC1 NXP-TDA18212HNC1 Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNM NXP-TDA18212HNM Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
More results

Mô tả tương tự - TDA18214HN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18273HN NXP-TDA18273HN_11 Datasheet
102Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 3-10 May 2011
TDA18273HN NXP-TDA18273HN Datasheet
84Kb / 8P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-15 December 2010
TDA18272HN NXP-TDA18272HN Datasheet
206Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-11 August 2010
logo
Fujitsu Component Limit...
SBF0406RPL FUJITSU-SBF0406RPL Datasheet
82Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0407BPL FUJITSU-SBF0407BPL Datasheet
80Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0408KPL FUJITSU-SBF0408KPL Datasheet
80Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0406FPL FUJITSU-SBF0406FPL Datasheet
79Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0406KPL FUJITSU-SBF0406KPL Datasheet
82Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0408LPL FUJITSU-SBF0408LPL Datasheet
79Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com